Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP25040DFL Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP25040DFL
Description  40V, SOT23, PNP low power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP25040DFL Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP25040DFL Datasheet HTML 1Page - Diodes Incorporated ZXTP25040DFL Datasheet HTML 2Page - Diodes Incorporated ZXTP25040DFL Datasheet HTML 3Page - Diodes Incorporated ZXTP25040DFL Datasheet HTML 4Page - Diodes Incorporated ZXTP25040DFL Datasheet HTML 5Page - Diodes Incorporated ZXTP25040DFL Datasheet HTML 6Page - Diodes Incorporated ZXTP25040DFL Datasheet HTML 7Page - Diodes Incorporated ZXTP25040DFL Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 3 - January 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXTP25040DFL
40V, SOT23, PNP low power transistor
Summary
BVCEO > -40V
BVECO > -3V
IC(cont) = -1.5A
VCE(sat) < -115mV @ 1A
RCE(sat) = 82m
PD = 350mW
Complementary part number ZXTN25040DFL
Description
Advanced process capability has been used to achieve high current gain
hold up making this device ideal for applications requiring high pulse
currents.
Features
High peak current
Low saturation voltage
40V forward blocking voltage
Applications
MOSFET and IGBT gate driving
Low power DC-DC conversion
Ordering information
Device marking
1A2
Device
Reel size
(inches)
Tape width
(mm)
Quantity per reel
ZXTP25040DFLTA
7
8
3,000
C
E
B
C
E
B
Pinout - top view


Similar Part No. - ZXTP25040DFL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25040DFL ZETEX-ZXTP25040DFL Datasheet
385Kb / 8P
   40V, SOT23, PNP low power transistor
ZXTP25040DFLTA ZETEX-ZXTP25040DFLTA Datasheet
385Kb / 8P
   40V, SOT23, PNP low power transistor
logo
Diodes Incorporated
ZXTP25040DFL DIODES-ZXTP25040DFL_15 Datasheet
184Kb / 7P
   40V PNP LOW POWER TRANSISTOR IN SOT23
More results

Similar Description - ZXTP25040DFL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25040DFL ZETEX-ZXTP25040DFL Datasheet
385Kb / 8P
   40V, SOT23, PNP low power transistor
logo
Diodes Incorporated
ZXTP25040DFL DIODES-ZXTP25040DFL_15 Datasheet
184Kb / 7P
   40V PNP LOW POWER TRANSISTOR IN SOT23
ZXTP25040DFH DIODES-ZXTP25040DFH_15 Datasheet
251Kb / 6P
   40V SOT23 PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25040DFH ZETEX-ZXTP25040DFH Datasheet
245Kb / 6P
   40V SOT23 PNP medium power transistor
logo
Diodes Incorporated
ZXTP25040DFH DIODES-ZXTP25040DFH Datasheet
251Kb / 6P
   40V SOT23 PNP medium power transistor
DSS5240T DIODES-DSS5240T_15 Datasheet
243Kb / 7P
   40V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
   40V PNP MEDIUM POWER TRANSISTOR IN SOT23
logo
Zetex Semiconductors
ZXTN25040DFL ZETEX-ZXTN25040DFL Datasheet
554Kb / 8P
   40V, SOT23, NPN low power transistor
logo
Diodes Incorporated
ZXTN25040DFL DIODES-ZXTN25040DFL Datasheet
446Kb / 8P
   40V, SOT23, NPN low power transistor
FMMT720 DIODES-FMMT720_15 Datasheet
583Kb / 7P
   40V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com