Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP25040DZTA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP25040DZTA
Description  40V PNP medium power transistor in SOT89
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP25040DZTA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP25040DZTA Datasheet HTML 1Page - Diodes Incorporated ZXTP25040DZTA Datasheet HTML 2Page - Diodes Incorporated ZXTP25040DZTA Datasheet HTML 3Page - Diodes Incorporated ZXTP25040DZTA Datasheet HTML 4Page - Diodes Incorporated ZXTP25040DZTA Datasheet HTML 5Page - Diodes Incorporated ZXTP25040DZTA Datasheet HTML 6Page - Diodes Incorporated ZXTP25040DZTA Datasheet HTML 7Page - Diodes Incorporated ZXTP25040DZTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1 - December 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXTP25040DZ
40V PNP medium power transistor in SOT89
Summary
BVCEO > -40V
BVECO > -3V
IC(cont) = -3.5A
RCE(sat) = 55m
VCE(sat) < -90mV @ 1A
PD = 2.4W
Complementary part number ZXTN25040DZ
Description
Advanced process capability and package design have been used to
maximize the power handling and performance of this small outline
transistor. The compact size and ratings of this device make it ideally
suited to applications where space is at a premium.
Features
High power dissipation SOT89 package
High peak current
Low saturation voltage
3V reverse blocking voltage
Applications
MOSFET and IGBT gate driving
•DC - DC converters
Motor drive
High side driver
Ordering information
Device marking
•1L6
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXTP25040DZTA
7
12
1000
C
E
B
C
E
Pinout - top view
C
B


Similar Part No. - ZXTP25040DZTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25040DZTA ZETEX-ZXTP25040DZTA Datasheet
385Kb / 8P
   40V PNP medium power transistor
More results

Similar Description - ZXTP25040DZTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX591A DIODES-FCX591A_15 Datasheet
293Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2009Z DIODES-ZXTP2009Z_15 Datasheet
132Kb / 6P
   40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTP2009Z ZETEX-ZXTP2009Z Datasheet
123Kb / 6P
   40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZX5T3Z DIODES-ZX5T3Z_15 Datasheet
193Kb / 7P
   40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZX5T3Z ZETEX-ZX5T3Z Datasheet
118Kb / 6P
   40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN25040DZ DIODES-ZXTN25040DZ Datasheet
766Kb / 8P
   40V, SOT89, NPN medium power transistor
ZXTP19100CZ DIODES-ZXTP19100CZ Datasheet
429Kb / 8P
   100V PNP medium power transistor in SOT89
2DB1386Q DIODES-2DB1386Q_15 Datasheet
267Kb / 6P
   20V PNP MEDIUM POWER TRANSISTOR IN SOT89
BCX5316Q DIODES-BCX5316Q_15 Datasheet
363Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com