Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B150 Datasheet(PDF) 2 Page - Weitron Technology

Part # B150
Description  Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B150 Datasheet(HTML) 2 Page - Weitron Technology

  B150 Datasheet HTML 1Page - Weitron Technology B150 Datasheet HTML 2Page - Weitron Technology B150 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B1100
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous At 1.0A @Tj=25 C
Maximum DC Reverse Current @Tj=25 C
At Rated DC Blocking Voltage @Tj=100 C
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance
Operating Temperature Range
Storage Temperature Range
(TA=25°C unless otherwise noted)
VRRM
VRMS
VDC
IF
IFSM
VF
IR
CJ
R JC
R JA
TJ
TSTG
20
14
20
40
28
40
30
21
30
50
35
50
80
56
80
60
42
60
200
140
200
B1200
150
105
150
B1150
B180
B160
B150
B140
B130
B120
100
70
100
-55 to+125
-55 to+150
-55 to+150
NOTES:1.Measured at 1.0MHz applied reverse voltage of 4.0V DC.
1.0
30.0
0.88
0.50
0.62
0.83
0.85
0.2
5
0.5
10
35
70
50
60
50
70
http://www.weitron.com.tw
Characteristic
Symbol
Unit
B1
20 thru B1200
WEITRON
PF
2/3
14-Dec-2010


Similar Part No. - B150

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B150 DIODES-B150 Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Kinetic Technologies.
B150 KINETIC-B150 Datasheet
914Kb / 18P
   36V/30V/24V Step-Up LED Driver with Internal Diode and Serial Control
April 2017 - Revision 04b
logo
Fuji Electric
B150 FUJI-B150 Datasheet
648Kb / 1P
   1 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B150 WEITRON-B150 Datasheet
213Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
B150 BILIN-B150 Datasheet
70Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B150

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com