Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-150-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-150-48
Description  150W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-150-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HLG-150-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-150-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-150-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-150-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-150-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-150-48 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
CONSTANTCURRENTREGION Note.4
HLG-150-12 A
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE Note.6
CURRENT ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.8
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY (Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(
.)
Typ
LEAKAGECURRENT
SAFETY STANDARDS Note.7
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.4
OVERVOLTAGE
OVERTEMPERATURE
Canbeadjusted byinternalpotentialmeterorthroughoutputcable
2500ms,80ms
/115VAC;Btype2500ms,200msat95%load230VAC/115VAC
atfullload230VAC
16ms atfullload230VAC/115VAC
90~264VAC127~370VDC
47~63Hz
PF
0.95/230VACPF
0.98/115VACatfullloadandratedoutputvoltage
PF
0.9at60~100%load
1.7A /115VAC0.75A /230VAC
COLDSTART 75A/230VAC
<0.75mA /240VAC
95~108%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Complianceto EN55015,EN55022(CISPR22)ClassB
CompliancetoEN61000-3-2ClassC(
60%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN61547,EN55024,heavyindustrylevel(surge4KV),criteria A
-40~+60
@fullload ;+70
@60%load(Refertoderatingcurve)
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
192.2Khrsmin.MIL-HDBK-217F(25
)
228*68*38.8mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Constant current operation region is within 60% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
5. Derating may be needed under low input voltages. Please check the static characteristics for more details.
6. Type A only.
7. Safety and EMC design refer to EN60598-1, CNS15233, GB7000.1, FCC part18.
8. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
9. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
10. Refer to warranty statement.
1.15Kg;12pcs/14.8Kg/0.76CUFT
150WSingleOutputSwitchingPowerSupply
Universal AC input / Full range
Built-in active PFC function
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
OCP point adjustable through output cable or internal potential meter
IP67 / IP65 design for indoor or outdoor installations
Three in one dimming function (1~10Vdc or PWM signal or resistor)
Suitable for LED lighting and street lighting applications
Compliance to worldwide safety regulations for lighting
5 years warranty (Note.10)
Suitable for dry / damp / wet locations
High efficiency up to 94%
Features :
H L G - 1 5 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
EMICONDUCTION&RADIATION
SAFETY &
EMC
PROTECTION
100
10
(RTH2)
Protectiontype: Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL8750,EN61347-1,EN61347-2-13independent
approved;DesignrefertoUL60950-1, TUVEN60950-1
IP65orIP67
14~17V
18~21V
23~27V
28~34V
34~38V
41~46V
54~60V
47~53V
59~65V
92%
92.5%
93%
93.5%
93.5%
93.5%
94%
94%
94%
2.5%
7.5~12.5A
2.0%
6~10A
1.0%
4.5~7.5A
1.0%
3.8~6.3A
1.0%
3~5A
1.0%
2.5~4.2A
1.0%
1.92~3.2A
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
1.5%
1.0%
0.5%
0.5%
0.5%
0.5%
1.0%
1.68~2.8A
0.5%
0.5%
1.0%
2.16~3.6A
0.5%
0.5%
12V
6~12V
15V
7.5~15V
20V
10~20V
24V
12~24V
30V
15~30V
36V
18~36V
48V
24~48V
12.5A
10A
7.5A
6.3A
5A
4.2A
3.2A
150W
150W
150W
151.2W
150W
151.2W
153.6W
150mVp-p
150mVp-p
13.5~17V
150mVp-p
17~22V
150mVp-p
22~27V
200mVp-p
27~33V
200mVp-p
33~40V
200mVp-p
43~53V
10.8~13.5V
54V
27~54V
2.8A
151.2W
200mVp-p
49~58V
42V
21~42V
3.6A
151.2W
200mVp-p
38~46V
HLG-150-12
HLG-150-15
HLG-150-20
HLG-150-24
HLG-150-30
HLG-150-36
HLG-150-48
HLG-150-54
HLG-150-42
A : IP65 rated. Output voltage and constant current level can be adjusted through internal potential meter.
B : IP67 rated. Constant current level adjustable through output cable with 1~10Vdc or 10V PWM signal or resistor.
Blank : IP67 rated. Cable for I/O connection.
F
M
M
110
SELV
IP65 IP67
SHORTCIRCUIT
Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Shutdowno/pvoltagewithauto-recoveryorre-powerontorecovery


Similar Part No. - HLG-150-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-150-48 MEANWELL-HLG-150-48 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
HLG-150-48 MEANWELL-HLG-150-48 Datasheet
325Kb / 6P
   150W Single Output Switching Power Supply
HLG-150-48 MEANWELL-HLG-150-48 Datasheet
350Kb / 6P
   150W Single Output Switching Power Supply
More results

Similar Description - HLG-150-48

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
CLG-150_1108 MEANWELL-CLG-150_1108 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
   150W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
logo
Total Power Internation...
NES-150 TOTAL-POWER-NES-150 Datasheet
432Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com