Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-185-24 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-185-24
Description  185W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-185-24 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  HLG-185-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-185-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-185-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-185-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-185-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-185-24 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0.84
0.86
0.88
0.9
0.92
0.94
0.96
0.98
1
1.02
50%
60%
70%
80%
90%
100%
230VAC
110VAC
65
67
69
71
73
75
77
79
81
83
85
87
89
91
93
95
97
10% 20%
30%
40% 50%
60% 70%
80%
90% 100%
230VAC
110VAC
PowerFactorCharacteristic
Powerfactorwillbehigherthan0.9whenoutputloadingis50%orhigher.
EFFICIENCY vsLOAD(48VModel)
HLG-185seriespossesssuperiorworkingefficiencythatupto94%canbereachedinfieldapplications.
LOAD
LOAD
ConstantCurrentMode
TherearetwomajorkindsofLEDdrivemethod"directdrive"and"withLEDdriver".
A typicalLEDpowersupplymayeitherworkin"constantvoltagemode(CV)orconstantcurrentmode(CC)"todrivetheLEDs.
Mean Well's LED power supply with CV+ CC characteristic can be operated at both CV mode (with LED driver, at area (A) and CC mode (direct drive, at area (B).
DRIVINGMETHODSOFLEDMODULE
TypicalLEDpowersupplyI-Vcurve
100
50
50
100
Io (%)
Constant
Voltage area
Constant
Current area
(A)
(B)
185WSingleOutputSwitchingPowerSupply
H L G - 1 8 5 series
FileName:HLG-185-SPEC2011-01-31


Similar Part No. - HLG-185-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-185-24 MEANWELL-HLG-185-24 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185-24 MEANWELL-HLG-185-24 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
HLG-185-24 MEANWELL-HLG-185-24 Datasheet
321Kb / 6P
   185W Single Output Switching Power Supply
More results

Similar Description - HLG-185-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-185H MEANWELL-HLG-185H_11 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H_1107 MEANWELL-HLG-185H_1107 Datasheet
323Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_12 Datasheet
324Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H Datasheet
298Kb / 6P
   185W Single Output Switching Power Supply
HLG-185_1107 MEANWELL-HLG-185_1107 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
HEP-185 MEANWELL-HEP-185 Datasheet
89Kb / 4P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185_12 Datasheet
321Kb / 6P
   185W Single Output Switching Power Supply
LDV-185 MEANWELL-LDV-185_12 Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
LDV-185_1112 MEANWELL-LDV-185_1112 Datasheet
506Kb / 3P
   185W Multiple Channel Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com