Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-185H-42 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-185H-42
Description  185W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-185H-42 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  HLG-185H-42 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-185H-42 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-185H-42 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-185H-42 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-185H-42 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-185H-42 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Directdriving:
Underdirectdriving,thepowersupplywillworkin"constantcurrentmode(CC)"andoutputvoltageofthepowersupplywillbeclampedbysumof
forwardvoltage(V )oftheLEDstrip.
F
ThetotalforwardvoltageofseriesconnectingLEDsissuggestedfor60%~95%ofpowersupplyratedoutputvoltageduetoconcernofthebestPF
valueandefficiency.
AC
source
I/P
O/P
HLG-185H
WithLEDdriver
Usingadditionaldriver,thepowersupplywillworkin"constantvoltagemode(CV)"andoutputvoltageofthepowersupplywillbekeptinratedvalue.
Inthisdrivemode,severaldesignissuesneedtobeconsidered:
1.OutputvoltageofPSUmustbehigherthantotalforwardvoltageofseriesconnectingLEDsby3Vminimum.
2.Inputcapacitor(Cin)ofLEDdrivercircuitshoulduse47uF~100uF(typ.)ofratingdependsontheoperatingfrequencyoftheLEDdriver.
Thehighertheoperatingfrequencyisused,thesmallervalueofCinshouldbechosen,andviceversa.
AC
source
I/P
O/P
ICCircuit
Cin
Cout
VF
R
L
HLG-185H
3.DonotuseBtypewithLEDdriver.
DimmingconnectiondiagramforturningthelightingfixtureON/OFF:
UsingaswitchandrelaycanturnON/OFFthelightingfixture.
Usingthebuilt-indimmingfunctiononB-typemodelcan'tturnthelightingfixturetotallydark.Pleaserefertotheconnectionmethodbelowto
achieve0%brightnessofthelightingfixtureconnectingtotheLEDpowersupplyunit.
1.Outputconstantcurrentlevelcanbeadjustedthroughoutputcablebyconnectingaresistoror1~10Vdcor10VPWMsignalbetweenDIM+andDIM-.
2.TheLEDlightingfixturecanbeturnedON/OFFbytheswitch.
N
FG
L
LEDLighting
Relay
Blue
Brown
Green/
Yellow
AC/L
AC/N
HLG-185H
B Type
DIM+
DIM-
V(-)
V(+)
Blue
White
Black
Red
Switch
Adjuster
0~100KOhmsresistance
1~10VDCVoltage
10VPWMSignal
DIMMINGOPERATION(forB-typeonly)
185WSingleOutputSwitchingPowerSupply
H L G - 1 8 5 H series
FileName:HLG-185H-SPEC 2011-01-31


Similar Part No. - HLG-185H-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-185H-42 MEANWELL-HLG-185H-42 Datasheet
298Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H-42 MEANWELL-HLG-185H-42 Datasheet
323Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H-42 MEANWELL-HLG-185H-42 Datasheet
324Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H-42A MEANWELL-HLG-185H-42A Datasheet
324Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H-42B MEANWELL-HLG-185H-42B Datasheet
324Kb / 6P
   185W Single Output Switching Power Supply
More results

Similar Description - HLG-185H-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-185 MEANWELL-HLG-185 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H_1107 MEANWELL-HLG-185H_1107 Datasheet
323Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_12 Datasheet
324Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H Datasheet
298Kb / 6P
   185W Single Output Switching Power Supply
HLG-185_1107 MEANWELL-HLG-185_1107 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
HEP-185 MEANWELL-HEP-185 Datasheet
89Kb / 4P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185_11 Datasheet
296Kb / 6P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185_12 Datasheet
321Kb / 6P
   185W Single Output Switching Power Supply
LDV-185 MEANWELL-LDV-185_12 Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
LDV-185_1112 MEANWELL-LDV-185_1112 Datasheet
506Kb / 3P
   185W Multiple Channel Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com