Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807-25W Datasheet(PDF) 3 Page - Weitron Technology

Part # BC807-25W
Description  General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC807-25W Datasheet(HTML) 3 Page - Weitron Technology

  BC807-25W Datasheet HTML 1Page - Weitron Technology BC807-25W Datasheet HTML 2Page - Weitron Technology BC807-25W Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BC807-16W
BC807-25W
BC807-40W
2
2-Jul-10
http://www.weitron.com.tw
WEITRON
3/3
WEITRON
Unit:mm
SOT-323 Outline Demensions
A
B
D
E
G
M
L
H
J
TOP VIEW
K
C
Dim
A
B
C
D
E
G
H
J
K
L
M
Min
0.30
1.15
2.00
-
0.30
1.20
1.80
0.00
0.80
0.42
0.10
Max
0.40
1.35
2.40
0.65
0.40
1.40
2.20
0.10
1.00
0.53
0.25
SOT-323


Similar Part No. - BC807-25W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807-25W PHILIPS-BC807-25W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
logo
Taiwan Semiconductor Co...
BC807-25W TSC-BC807-25W Datasheet
150Kb / 6P
   200mW, PNP Small Signal Transistor
logo
Siemens Semiconductor G...
BC807-25W SIEMENS-BC807-25W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
logo
SUNMATE electronic Co.,...
BC807-25W SUNMATE-BC807-25W Datasheet
612Kb / 3P
   PNP SILICON GENERAL PURPOSE TRANSISTORS
logo
Infineon Technologies A...
BC807-25W INFINEON-BC807-25W Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
More results

Similar Description - BC807-25W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com