Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807-40W Datasheet(PDF) 1 Page - Weitron Technology

Part # BC807-40W
Description  General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC807-40W Datasheet(HTML) 1 Page - Weitron Technology

  BC807-40W Datasheet HTML 1Page - Weitron Technology BC807-40W Datasheet HTML 2Page - Weitron Technology BC807-40W Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
3
V
V
V
1
2
3
General Purpose Transistor
PNP Silicon
Lead(Pb)-Free
P b
BC807-16W
BC807-25W
BC807-40W
SOT-323(SC-70)
EMITTER
BASE
COLLECTOR
Device Marking
BC807-16W = 5A , BC807-25W = 5B , BC807-40W =
1. FR-5 = 1.0 x 0.75 x 0.062 in.
MaximumRatings (TA=25°Cunless otherwise noted)
Collector-Emitter Voltage
Collector-Base Voltage
Collector Current-Continuous
IC
500
mA
Emitter-Base Voltage
Rating
Symbol
Value
Unit
VEBO
VCBO
VCEO
-45
-5.0
-50
Junction Temperature Range
Storage Temperature Range
Tstg
-55 to +150
-55 to +150
TJ
°C/W
°C
°C
Total Device Dissipation FR-5 Board(1)
TA=25°C
Thermal Resistance, Junctionto Ambient(1)
RθJA
PD
833
150
mW
http://www.weitron.com.tw
WEITRON
1/3
2
2-Jul-10


Similar Part No. - BC807-40W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807-40W PHILIPS-BC807-40W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
logo
Taiwan Semiconductor Co...
BC807-40W TSC-BC807-40W Datasheet
150Kb / 6P
   200mW, PNP Small Signal Transistor
logo
Siemens Semiconductor G...
BC807-40W SIEMENS-BC807-40W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
logo
SUNMATE electronic Co.,...
BC807-40W SUNMATE-BC807-40W Datasheet
612Kb / 3P
   PNP SILICON GENERAL PURPOSE TRANSISTORS
logo
Infineon Technologies A...
BC807-40W INFINEON-BC807-40W Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
More results

Similar Description - BC807-40W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com