Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDA05-6.TBT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SRDA05-6.TBT
Description  Low Capacitance TVS Diode Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SRDA05-6.TBT Datasheet(HTML) 1 Page - Semtech Corporation

  SRDA05-6.TBT Datasheet HTML 1Page - Semtech Corporation SRDA05-6.TBT Datasheet HTML 2Page - Semtech Corporation SRDA05-6.TBT Datasheet HTML 3Page - Semtech Corporation SRDA05-6.TBT Datasheet HTML 4Page - Semtech Corporation SRDA05-6.TBT Datasheet HTML 5Page - Semtech Corporation SRDA05-6.TBT Datasheet HTML 6Page - Semtech Corporation SRDA05-6.TBT Datasheet HTML 7Page - Semtech Corporation SRDA05-6.TBT Datasheet HTML 8Page - Semtech Corporation SRDA05-6.TBT Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
SRDA3.3-6 and SRDA05-6
RailClamp®®®®®
Low Capacitance TVS Diode Array
Description
Features
Circuit Diagram
Schematic and PIN Configuration
Revision 2/25/10
RailClamps are surge rated diode arrays designed to
protect high speed data interfaces. The SR series has
been specifically designed to protect sensitive compo-
nents which are connected to data and transmission
lines from overvoltage caused by electrostatic dis-
charge (ESD), electrical fast transients (EFT), and
lightning.
The unique design of the SRDA series devices incorpo-
rates surge rated, low capacitance steering diodes and
a TVS diode in a single package. During transient
conditions, the steering diodes direct the transient to
either the positive side of the power supply line or to
ground. The internal TVS diode prevents over-voltage
on the power line, protecting any downstream compo-
nents.
The low capacitance array configuration allows the user
to protect six high-speed data or transmission lines.
The low inductance construction minimizes voltage
overshoot during high current surges.
Applications
Mechanical Characteristics
USB Power & Data Line Protection
T1/E1 secondary IC Side Protection
Token Ring
HDSL, SDSL secondary IC Side Protection
Video Line Protection
Microcontroller Input Protection
Base stations
I2C Bus Protection
Transient protection for high-speed data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 24A (8/20μs)
Array of surge rated diodes with internal TVS diode
Protects six I/O lines and power supply line
Low capacitance (<15pF) for high-speed interfaces
Low operating & clamping voltages
Solid-state technology
JEDEC SO-8 package
Pb-Free, Halogen Free, RoHS/WEEE Compliant
Molding compound flammability rating: UL 94V-0
Marking : Part number, date code, logo
Packaging : Tape and Reel
S0-8 (Top View)
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
+VREF
GND
1
2
3
4
5
6
7
8


Similar Part No. - SRDA05-6.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA05-6.TBT SEMTECH-SRDA05-6.TBT Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
More results

Similar Description - SRDA05-6.TBT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com