Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ100CA Datasheet(PDF) 2 Page - Weitron Technology

Part # 3.0SMCJ100CA
Description  3000W Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

3.0SMCJ100CA Datasheet(HTML) 2 Page - Weitron Technology

  3.0SMCJ100CA Datasheet HTML 1Page - Weitron Technology 3.0SMCJ100CA Datasheet HTML 2Page - Weitron Technology 3.0SMCJ100CA Datasheet HTML 3Page - Weitron Technology 3.0SMCJ100CA Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.0 SMCJ Series
2/4
03-Nov-06
http://www.weitron.com.tw
WEITRON
UNI- POLAR BI-POLAR UNI
BI
DDE
5.0
6.40
7.00
10
9.2
326.1
800
SMCJ6.0A SMCJ6.0CA RDG DDG
6.0
6.67
7.37
10
10.3
291.3
800
SMCJ6.5A SMCJ6.5CA RDK DDK
6.5
7.22
7.98
10
11.2
267.9
500
SMCJ7.0A SMCJ7.0CA PDM DDM
7.0
7.78
8.60
10
12.0
250.0
200
SMCJ7.5A SMCJ7.5CA PDP DDP
7.5
8.33
9.21
1
12.9
232.6
100
SMCJ8.0A SMCJ8.0CA PDR DDR
8.0
8.89
9.83
1
13.6
220.6
50
SMCJ8.5A SMCJ8.5CA PDT DDT
8.5
9.44
10.40
1
14.4
208.3
20
SMCJ9.0A SMCJ9.0CA PDV DDV
9.0
10.00
11.10
1
15.4
194.8
10
SMCJ10A SMCJ10CA PDX DDX
10.0
11.10
12.30
1
17.0
176.5
5
SMCJ11A SMCJ11CA PDZ DDZ
11.0
12.20
13.50
1
18.2
164.8
5
SMCJ12A SMCJ12CA PEE DEE
12.0
13.30
14.70
1
19.9
150.8
5
SMCJ13A SMCJ13CA PEG DEG
13.0
14.40
15.90
1
21.5
139.5
5
SMCJ14A SMCJ14CA PEK DEK
14.0
15.60
17.20
1
23.2
129.3
5
SMCJ15A SMCJ15CA PEM DEM
15.0
16.70
18.50
1
24.4
123.0
5
SMCJ16A SMCJ16CA PEP DEP
16.0
17.80
19.70
1
26.0
115.4
5
SMCJ17A SMCJ17CA PER DER
17.0
18.90
20.90
1
27.6
108.7
5
SMCJ18A SMCJ18CA PET DET
18.0
20.00
22.10
1
29.2
102.7
5
SMCJ20A SMCJ20CA PEV DEV
20.0
22.20
24.50
1
32.4
92.6
5
SMCJ22A SMCJ22CA PEX DEX
22.0
24.40
26.90
1
35.5
84.5
5
SMCJ4A
SMCJ24CA PEZ DEZ
24.0
26.70
29.50
1
38.9
77.1
5
SMCJ26A SMCJ26CA PFE DFE
26.0
28.90
31.90
1
42.1
71.3
5
SMCJ28A SMCJ28CA PFG DFG
28.0
31.10
34.40
1
45.4
66.1
5
SMCJ30A SMCJ30CA PFK DFK
30.0
33.30
36.80
1
48.4
62.0
5
SMCJ33A SMCJ33CA PFM DFM
33.0
36.70
40.60
1
53.3
56.3
5
SMCJ36A SMCJ36CA PFP DFP
36.0
40.00
44.20
1
58.1
51.6
5
SMCJ40A SMCJ40CA PFR DFR
40.0
44.40
49.10
1
64.5
46.5
5
SMCJ43A SMCJ43CA PFT DFT
43.0
47.80
52.80
1
69.4
43.2
5
SMCJ45A SMCJ45CA PFV DFV
45.0
50.00
55.30
1
72.7
41.3
5
SMCJ48A SMCJ48CA PFX DFX
48.0
53.30
58.90
1
77.4
38.8
5
SMCJ51A SMCJ51CA PFZ DFZ
51.0
56.70
62.70
1
82.4
36.4
5
SMCJ54A SMCJ54CA RGE DGE
54.0
60.00
66.30
1
87.1
34.4
5
SMCJ58A SMCJ58CA PGG DGG
58.0
64.40
71.20
1
93.6
32.1
5
SMCJ60A SMCJ60CA PGK DGK
60.0
66.70
73.70
1
96.8
31.0
5
SMCJ64A SMCJ64CA PGM DGM
64.0
71.10
78.60
1
103.0
29.1
5
SMCJ70A SMCJ70CA PGP DGP
70.0
77.80
86.00
1
113.0
26.5
5
SMCJ75A SMCJ75CA PGR DGR
75.0
83.30
92.10
1
121.0
24.8
5
SMCJ78A SMCJ78CA PGT DGT
78.0
86.70
95.80
1
126.0
23.8
5
SMCJ85A SMCJ85CA PGV DGV
85.0
94.40
104.00
1
137.0
21.9
5
SMCJ90A SMCJ90CA PGX DGX
90.0
100.00
111.00
1
146.0
20.5
5
SMCJ100A SMCJ100CA PGZ DGZ
100.0
111.00
123.00
1
162.0
18.5
5
SMCJ110A SMCJ110CA PHE DHE
110.0
122.00
135.00
1
177.0
16.9
5
SMCJ120A SMCJ120CA PHG DHG
120.0
133.00
147.00
1
193.0
15.5
5
SMCJ130A SMCJ130CA PHK DHK
130.0
144.00
159.00
1
209.0
14.4
5
SMCJ150A SMCJ150CA PHM DHM
150.0
167.00
185.00
1
243.0
12.3
5
SMCJ160A SMCJ160CA PHP DHP
160.0
178.00
197.00
1
259.0
11.6
5
SMCJ170A SMCJ170CA PHR DHR
170.0
189.00
209.00
1
275.0
10.9
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
REVERSE
LEAKAGE
@ VRWM
IR(µA)
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
3.0 SMCJ
PART NUMBER
DEVICE
MARKING
CODE
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
SMCJ5.0A SMCJ5.0CA RDE


Similar Part No. - 3.0SMCJ100CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ100CA WTE-3.0SMCJ100CA Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ100CA WTE-3.0SMCJ100CA Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
3.0SMCJ100CA MDE-3.0SMCJ100CA Datasheet
117Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ100CA DIOTECH-3.0SMCJ100CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ100CA EIC-3.0SMCJ100CA Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ100CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ WTE-3.0SMCJ_06 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ180 WTE-3.0SMCJ180 Datasheet
71Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
3.0SMCJ5.0-LFR FRONTIER-3.0SMCJ5.0-LFR Datasheet
134Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ5.0 FRONTIER-3.0SMCJ5.0 Datasheet
192Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ5.0A DIODES-3.0SMCJ5.0A Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ24A-13 DIODES-3.0SMCJ24A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMDJ JUXING-SMDJ Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
Taiwan Semiconductor Co...
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
3KSMC12AH TSC-3KSMC12AH Datasheet
459Kb / 5P
   3000W, 12V- 47V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com