Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1505I088TRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX1505I088TRT
Description  4/8/16 Channel GPIO with NINT and NRESET
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1505I088TRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX1505I088TRT Datasheet HTML 6Page - Semtech Corporation SX1505I088TRT Datasheet HTML 7Page - Semtech Corporation SX1505I088TRT Datasheet HTML 8Page - Semtech Corporation SX1505I088TRT Datasheet HTML 9Page - Semtech Corporation SX1505I088TRT Datasheet HTML 10Page - Semtech Corporation SX1505I088TRT Datasheet HTML 11Page - Semtech Corporation SX1505I088TRT Datasheet HTML 12Page - Semtech Corporation SX1505I088TRT Datasheet HTML 13Page - Semtech Corporation SX1505I088TRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 3
rd Oct. 2008
www.semtech.com
10
SX1504/SX1505/SX1506
4/8/16 Channel GPIO
3
TYPICAL OPERATING CHARACTERISTICS
Figures below apply to default registers values, Tamb, unless otherwise specified.
3.1
IDDM vs. VDDM
IDDM vs VDDM
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
VDDM (V)
IDDM (uA)
90°C
-40°C
3.2
VOL vs. IOL
VOL vs IOL (VCC1,2=5.5V, High Sink IOs)
0
0.05
0.1
0.15
0
10
15
20
25
30
IOL (mA)
VOL (V)
Tamb
*
*
Doesn’t vary significantly with temperature
5


Similar Part No. - SX1505I088TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
SX1501 SEMTECH-SX1501 Datasheet
1Mb / 34P
   4/8/16 Channel Low Voltage GPIO
SX1501 SEMTECH-SX1501 Datasheet
641Kb / 34P
   4/8/16 Channel Low Voltage GPIO with NINT and NRESET
SX1501I087TRT SEMTECH-SX1501I087TRT Datasheet
1Mb / 34P
   4/8/16 Channel Low Voltage GPIO
SX1501I087TRT SEMTECH-SX1501I087TRT Datasheet
1,013Kb / 32P
   4/8/16 Channel Low Voltage GPIO
More results

Similar Description - SX1505I088TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1501 SEMTECH-SX1501_09 Datasheet
641Kb / 34P
   4/8/16 Channel Low Voltage GPIO with NINT and NRESET
SX1502EVK SEMTECH-SX1502EVK Datasheet
1,013Kb / 32P
   4/8/16 Channel Low Voltage GPIO
SX1501 SEMTECH-SX1501 Datasheet
1Mb / 34P
   4/8/16 Channel Low Voltage GPIO
logo
Intersil Corporation
HI-506 INTERSIL-HI-506_07 Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
logo
Renesas Technology Corp
HI-506 RENESAS-HI-506 Datasheet
1,018Kb / 25P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Jun 14, 2016
logo
Harris Corporation
HI3-506 HARRIS-HI3-506 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Nuvoton Technology Corp...
NCT5655Y NUVOTON-NCT5655Y Datasheet
836Kb / 26P
   16-bit I2C-bus and SMBus GPIO controller with interrupt
logo
Intersil Corporation
HI-506 INTERSIL-HI-506_05 Datasheet
693Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI-506 INTERSIL-HI-506 Datasheet
454Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
June 1999
HI-546 INTERSIL-HI-546_05 Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com