Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF203-33 Datasheet(PDF) 4 Page - Semtech Corporation

Part # STF203-33
Description  USB Upstream Port Filter and TVS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

STF203-33 Datasheet(HTML) 4 Page - Semtech Corporation

  STF203-33 Datasheet HTML 1Page - Semtech Corporation STF203-33 Datasheet HTML 2Page - Semtech Corporation STF203-33 Datasheet HTML 3Page - Semtech Corporation STF203-33 Datasheet HTML 4Page - Semtech Corporation STF203-33 Datasheet HTML 5Page - Semtech Corporation STF203-33 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
 2006 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
STF203-15 THRU STF203-33
Device Connection
The STF203 is designed to provide termination, EMI
filtering and ESD protection for one USB port. The
device is connected as follows:
1.
1.
1.
1.
1. Full-Speed Devices: For full-speed devices the
pull-up resistor is connected to the D+ line. Route
the D+ line from the connector to pin 1 of the
STF203. Pin 6 is connected to the D+ line of the
IC. Route the D- line from the connector to pin 3.
Pin 4 is connected to the D- line of the IC. Pin 5 is
connected to the voltage supply line (V
BUS). Pin 2 is
connected to ground. Note that the input and
output connections may be reversed if necessary
(See Figure 3).
2.
2.
2.
2.
2. Low-Speed Devices::::: For low speed devices the
pull-up resistor is connected to the D- line. Route
the D- line from the connector to pin 1 of the
STF203. Pin 6 is connected to the D- line of the IC.
Route the D+ line from the connector to pin 3. Pin
4 is connected to the D+ line of the IC. Pin 5 is
connected to the voltage supply line (V
BUS). Pin 2 is
connected to ground. Note that the input and
output connections may be reversed if necessary
(See Figure 4).
USB Port Design Considerations
The Universal Serial Bus (USB) specification requires
termination and filtering components for proper opera-
tion. In addition, an open USB socket is vulnerable to
hazardous ESD discharges in excess of 15kV. These
discharges can occur on the data lines or the voltage
bus. The STF203 is an easily implemented solution
that is designed to meet the termination and EMI filter
requirements of the USB specification revision 1.1. It
also provides ESD protection to IEC 61000-4-2,
level 4.
USB line termination is achieved with series resistors
on both the D+ and D- lines. These resistors preserve
signal integrity by matching the cable impedance to
that of the differential driver. A 1.5k
Ω pull-up resistor
is used to identify an upstream port on either the D+
(full speed devices) or the D- (low speed devices) data
line. Capacitors are used for EMI suppression. TVS
diodes provide ESD protection of both (D+ and D-)
data lines and the voltage bus (V
BUS). The STF203
integrates all of these components in a small SC-70
package. This integrated solution simplifies design and
requires minimal board space.
Figure 1 - Preferred Connection Diagram
(Full Speed Devices)
Applications Information
Figure 2 - Preferred Connection Diagram
(Low Speed Devices)
1
2
34
5
6
STF203
From Connector
1
2
34
5
6
STF203
From Connector
Figure 4 - Alternate Connection Diagram
(Low Speed Devices)
Figure 3 - Alternate Connection Diagram
(Full Speed Devices)
1
2
34
5
6
STF203
From Connector
1
2
34
5
6
STF203
From Connector


Similar Part No. - STF203-33

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF201-22.TC SEMTECH-STF201-22.TC Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
STF201-22.TCT SEMTECH-STF201-22.TCT Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
STF201-22TC SEMTECH-STF201-22TC Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
More results

Similar Description - STF203-33

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF202-22 SEMTECH-STF202-22_04 Datasheet
182Kb / 7P
   USB Upstream Port Filter and TVS
ECLAMP2522P SEMTECH-ECLAMP2522P Datasheet
198Kb / 7P
   USB Upstream Port Filter and TVS For EMI Filtering and ESD Protection
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
California Micro Device...
PACUSB100 CALMIRCO-PACUSB100 Datasheet
111Kb / 2P
   USB UPSTREAM PORT FILTER WITH ESD PROTECTION
logo
ON Semiconductor
PACUSB-U1 ONSEMI-PACUSB-U1 Datasheet
114Kb / 9P
   Upstream USB Port Terminator
June 2010 ??Rev. 2
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
California Micro Device...
PACUSB-U1 CALMIRCO-PACUSB-U1 Datasheet
118Kb / 7P
   Upstream USB Port Terminator
logo
ON Semiconductor
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
logo
STMicroelectronics
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
   EMI filter and line termination for USB upstream ports
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com