Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE8801A Datasheet(PDF) 1 Page - Semtech Corporation

Part # XE8801A
Description  Data Acquisition with ZoomingADC?
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE8801A Datasheet(HTML) 1 Page - Semtech Corporation

  XE8801A Datasheet HTML 1Page - Semtech Corporation XE8801A Datasheet HTML 2Page - Semtech Corporation XE8801A Datasheet HTML 3Page - Semtech Corporation XE8801A Datasheet HTML 4Page - Semtech Corporation XE8801A Datasheet HTML 5Page - Semtech Corporation XE8801A Datasheet HTML 6Page - Semtech Corporation XE8801A Datasheet HTML 7Page - Semtech Corporation XE8801A Datasheet HTML 8Page - Semtech Corporation XE8801A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 135 page
background image
Rev 2 December 2009
www.semtech.com
XE8801A – SX8801R Sensing Machine
Data Acquisition with ZoomingADC™
XE8801A – SX8801R
Sensing Machine
Data Acquisition with 16+10 bit ZoomingADC™
General Description
The XE8801A is a data acquisition ultra low-
power, low-voltage, system on a chip (SoC) with a
high efficiency embedded microcontroller unit
(MCU), allowing for 1 MIPS at 300uA and 2.4 V,
and multiplying in one clock cycle.
The XE8801A includes a high resolution
acquisition path with16+10 bits.
The XE8801A is available with on chip ROM (this
is called the SX8801R) or Multiple-Time-Program-
mable (MTP) program memory.
Applications
Portable, battery operated instruments
Current loop powered instruments
Wheatstone bridge interfaces
Pressure and chemical sensors
HVAC control
Metering
Sports watches, wrist instruments
Key product Features
Low-power, high resolution ZoomingADC
0.5 to 1000 gain with offset cancellation
up to 16 bits analog to digital converter
up to 13 inputs multiplexer
Low-voltage low-power controller operation
2 MIPS with 2.4 V to 5.5 V operation
300 µA at 1 MIPS over voltage range
22 kByte (8 kInstruction) MTP or ROM
520 Byte RAM data memory
RC and crystal oscillators
5 reset, 22 interrupt, 8 event sources
100 years MTP Flash retention at 55°C
Ordering Information
Item number*
XE8801AMI027LF
-40°C to 85 °C
MTP
LQFP44
SX8801RIxxx
-40°C to 85 °C
ROM
die
SX8801IRxxLFTRT
-40°C to 85 °C*
ROM
LQFP44
SX8801IRxxMLTRT
-40°C to 85 °C
ROM
MLPQ44
*xx will be replaced by ROM identifier
**MTP parts are conditioned in trays; ROM parts are conditioned in reels
The XE8801A was previously called, and is the same as the XE8801LC01A.
Temperature
range
Memory
type
Package
**


Similar Part No. - XE8801A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE8802 SEMTECH-XE8802 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
XE8802MI000 SEMTECH-XE8802MI000 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
XE8802MI035LF SEMTECH-XE8802MI035LF Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
   Data Acquisition MCU
Rev 1 January 2006
XE8805A SEMTECH-XE8805A Datasheet
1Mb / 156P
   Data Acquisition MCU
Rev 1 January 2006
More results

Similar Description - XE8801A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8724CEVK SEMTECH-SX8724CEVK Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724C SEMTECH-SX8724C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724S SEMTECH-SX8724S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition
SX8725C SEMTECH-SX8725C Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8723S SEMTECH-SX8723S Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8723C SEMTECH-SX8723C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8725S SEMTECH-SX8725S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
logo
List of Unclassifed Man...
XE88LC02 ETC1-XE88LC02 Datasheet
2Mb / 184P
   Sensing Machine Data Acquisition MCU with 16 10 bit ZoomingADC and LCD driver
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com