Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9492 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9492
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9492 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9492 Datasheet HTML 1Page - Intersil Corporation ISL9492 Datasheet HTML 2Page - Intersil Corporation ISL9492 Datasheet HTML 3Page - Intersil Corporation ISL9492 Datasheet HTML 4Page - Intersil Corporation ISL9492 Datasheet HTML 5Page - Intersil Corporation ISL9492 Datasheet HTML 6Page - Intersil Corporation ISL9492 Datasheet HTML 7Page - Intersil Corporation ISL9492 Datasheet HTML 8Page - Intersil Corporation ISL9492 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL9492
3
FN6547.0
January 28, 2011
16
SDA
Bidirectional data from/to I2C bus.
17
SCL
Clock from I2C bus.
18
TXT
Tx, Rx switch control
19
EXTM
This pin can be used in two ways:
1. To drive TONE with the actual tone signal directly.
2. To drive TONE with the envelope of the actual tone signal to be generate by this device.
20, 25
LDO_SGND
Small signal ground for the internal LDO.
21
FLT
This is an open drain output from the controller. It will go LOW when any of the fault flags is set.
22
TCAP
Capacitor for setting rise and fall time of the output voltage. Typical value is 0.1µF.
23
DGATE
Connect to an external PMOS gate to short the RLC tank circuit during 22kHz tone transmission.
24
VOUT
Linear regulator output provides the LNB power.
26
VSW
Input to the linear regulator that actually provides the LNB output voltage.
27
CPVOUT
Output of charge pump.
28
CPSWOUT
Charge pump connection 2.
-
Pad
There is no connection with this pin. EPAD also has no connection and should be connected to GND
plane with multiple vias.
Functional Pin Descriptions (Continued)
PIN
SYMBOL
FUNCTION


Similar Part No. - ISL9492

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
March 17, 2011
ISL9492ERZ INTERSIL-ISL9492ERZ Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator
ISL9492ERZ INTERSIL-ISL9492ERZ Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
March 17, 2011
More results

Similar Description - ISL9492

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
logo
Richtek Technology Corp...
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5070 RICHTEK-RT5070 Datasheet
825Kb / 13P
   Single Output LNB Supply and Control Voltage Regulator
RT5047 RICHTEK-RT5047 Datasheet
976Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047 RICHTEK-RT5047_17 Datasheet
902Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
logo
Intersil Corporation
ISL9492_1103 INTERSIL-ISL9492_1103 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL9492ERZ INTERSIL-ISL9492ERZ Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
March 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com