Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE8805MI028 Datasheet(PDF) 7 Page - Semtech Corporation

Part # XE8805MI028
Description  Data Acquisition MCU
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE8805MI028 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button XE8805MI028 Datasheet HTML 3Page - Semtech Corporation XE8805MI028 Datasheet HTML 4Page - Semtech Corporation XE8805MI028 Datasheet HTML 5Page - Semtech Corporation XE8805MI028 Datasheet HTML 6Page - Semtech Corporation XE8805MI028 Datasheet HTML 7Page - Semtech Corporation XE8805MI028 Datasheet HTML 8Page - Semtech Corporation XE8805MI028 Datasheet HTML 9Page - Semtech Corporation XE8805MI028 Datasheet HTML 10Page - Semtech Corporation XE8805MI028 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 156 page
background image
© Semtech 2006
www.semtech.com
1-5
XE8805/05A
1.2.2 LQFP-64
The XE8805/05A is delivered in a LQFP-64 package. The pin map is given below.
15
10
5
1
PC(7)
PC(6)
PC(5)
PC(4)
PC(3)
PC(2)
PC(1)
PC(0)
PA(7)
PA(6)
PA(5)
PA(4)
PA(3)
PA(2)
PA(1)
PA(0)
VPP/TEST
NC
AC_R(3)
AC_R(2)
AC_A(7)
AC_A(6)
AC_A(5)
AC_A(4)
AC_A(3)
AC_A(2)
AC_A(1)
AC_A(0)
AC_R(1)
AC_A(0)
NC
NC
35
40
45
Figure 1-3. LQFP-64 pin map
Package pin
name
Package pin
name
1
PA(0)
33
VPP/TEST
2
PA(1)
34
NC
3
PA(2)
35
AC_R(3)
4
PA(3)
36
AC_R(2)
5
PA(4)
37
AC_A(7)
6
PA(5)
38
AC_A(6)
7
PA(6)
39
AC_A(5)
8
PA(7)
40
AC_A(4)
9
PC(0)
41
AC_A(3)
10
PC(1)
42
AC_A(2)
11
PC(2)
43
AC_A(1)
12
PC(3)
44
AC_A(0)
13
PC(4)
45
AC_R(1)
14
PC(5)
46
AC_R(0)
15
PC(6)
47
NC
16
PC(7)
48
NC
17
PB(0)
49
NC
18
PB(1)
50
NC
19
PB(2)
51
DAS_OUT
20
PB(3)
52
DAS_AI_P


Similar Part No. - XE8805MI028

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
XE8801AMI027LF SEMTECH-XE8801AMI027LF Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
XE8802 SEMTECH-XE8802 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
XE8802MI000 SEMTECH-XE8802MI000 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
XE8802MI035LF SEMTECH-XE8802MI035LF Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
More results

Similar Description - XE8805MI028

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE8802 SEMTECH-XE8802 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
logo
Pico Technology Ltd.
1000 PICO-1000 Datasheet
1Mb / 8P
   Multipurpose data acquisition
1000_SER PICO-1000_SER Datasheet
2Mb / 2P
   Multi-channel data acquisition
2013 - 2014
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
logo
National Instruments Co...
NIPCI-4351 NI-NIPCI-4351 Datasheet
649Kb / 6P
   High-Precision Data Acquisition
logo
List of Unclassifed Man...
XE88LC02 ETC1-XE88LC02 Datasheet
2Mb / 184P
   Sensing Machine Data Acquisition MCU with 16 10 bit ZoomingADC and LCD driver
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
logo
Keysight Technologies
34901A KEYSIGHT-34901A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com