Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP202 Datasheet(PDF) 2 Page - Weitron Technology

Part # KBP202
Description  Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

KBP202 Datasheet(HTML) 2 Page - Weitron Technology

  KBP202 Datasheet HTML 1Page - Weitron Technology KBP202 Datasheet HTML 2Page - Weitron Technology KBP202 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Rating
Characteristic
VRRM
VRMS
VDC
IAV
IFSM
TJ
TSTG
50
35
50
100
70
100
200
140
200
400
280
400
2.0
60
-50 to +150
1.1
10.0
1000
-50 to +150
600
420
600
800
560
800
1000
700
1000
V
V
V
Uuits
A
A
Characteristic
Electrical Characteristic
Maximum Instantaneous Reverse Current
Maximum Forward Voltage Drop
per Bridge Element at 2.0A Peak
Rated DC Voltage, TA=25°C
TA=100°C
VF
IR
V
µA
Symbol
WEITRON
KBP2005 KBP201 KBP202 KBP204 KBP206 KBP208 KBP210
Symbol KBP2005 KBP201 KBP202 KBP204 KBP206 KBP208 KBP210 Uuits
http://www.weitron.com.tw
2/3
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=50°C
Peak forward surge current 8.3mS
single half sine-wave super imposed on
rated load (MIL-STD-750D 4066 method)
Operating junction temperature range
Storage temperature range
°C
°C
KBP2005 thru KBP210
Rev.A 10-Dec-2010
Device Marking
KBP2005=KBP2005,
KBP201=KBP201,
KBP202=KBP202,
KBP204=KBP204,
KBP206=KBP206,
KBP208=KBP208,
KBP210=KBP210


Similar Part No. - KBP202

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
KBP202 ZSELEC-KBP202 Datasheet
338Kb / 2P
   2.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBP202 WTE-KBP202 Datasheet
37Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
KBP202 FS-KBP202 Datasheet
240Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBP202 YANGJIE-KBP202 Datasheet
253Kb / 2P
   SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Continental Device Indi...
KBP202 CDIL-KBP202 Datasheet
64Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBP202

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com