Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M8050LT1 Datasheet(PDF) 2 Page - Weitron Technology

Part # M8050LT1
Description  NPN General Purpose Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

M8050LT1 Datasheet(HTML) 2 Page - Weitron Technology

  M8050LT1 Datasheet HTML 1Page - Weitron Technology M8050LT1 Datasheet HTML 2Page - Weitron Technology M8050LT1 Datasheet HTML 3Page - Weitron Technology M8050LT1 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CLASSIFICATION OF hFE(1)
Rank
Range
P
S
100-200
300-600
Q
150-300
R
200-400
Marking
80P
1YC
1YE
80S
DC Current Gain
(IC=100 mAdc,VCE=1.0 Vdc)
Collector-Emitter Saturation Voltage
(IC=800 mAdc, IB=80mAdc)
hFE
VCE(sat)
-
-
Vdc
ON CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics
Symbol
UnitM
M8050LT1
(1)
100
600
0.5
Min
Max
2/4
15-Jul-10
WEITRON
http://www.weitron.com.tw


Similar Part No. - M8050LT1

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
M8050 JIANGSU-M8050 Datasheet
260Kb / 3P
   TRANSISTOR 竊?NPN 竊
logo
Shanghai Leiditech Elec...
M8050 LEIDITECH-M8050 Datasheet
816Kb / 3P
   General Purpose Transistors NPN Silicon
logo
Daya Electric Group Co....
M8050 DAYA-M8050 Datasheet
331Kb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
M8050 DGNJDZ-M8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
M8050 SECOS-M8050 Datasheet
222Kb / 2P
   NPN Plastic Encapsulate Transistor
More results

Similar Description - M8050LT1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com