Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z3V9 Datasheet(PDF) 1 Page - Weitron Technology

Part # MM5Z3V9
Description  Surface Mount Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MM5Z3V9 Datasheet(HTML) 1 Page - Weitron Technology

  MM5Z3V9 Datasheet HTML 1Page - Weitron Technology MM5Z3V9 Datasheet HTML 2Page - Weitron Technology MM5Z3V9 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Zener Diodes
*150mw Power Dissipation
*Ideal for Surface Mountted Application
*Case : SOD-523 Molded plastic
Mechanical Data:
Features:
WEITRON
1/3
Rev.A 15-oct-09
http://www.weitron.com.tw
SMALL SIGNAL
ZENER DIODES
150m WATTS
*Zener Breakdown Voltage Range 2.4V to 75V
*Terminals: Solderable per MIL-STD-202, Method 208
*Polarity: Cathode Indicated by Polarity Band
*Marking: Marking Code (See Table on Page 3)
*ESD Rating of Class 3(>kv)per Human Body Model
SOD-523
Dim
A
B
C
D
E
J
K
Min
1.10
0.70
0.50
0.25
0.15
0.07
1.50
Max
1.30
0.90
0.70
0.35
0.25
0.20
1.70
S OD-523
P IN 1. C A T HODE
2. A NODE
SOD-523 Outline Dimensions
Unit:mm
MM5Z2V4 Series
1
2


Similar Part No. - MM5Z3V9

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z3V9 EIC-MM5Z3V9 Datasheet
109Kb / 2P
   ZENER DIODES
logo
Nanjing International G...
MM5Z3V9 DGNJDZ-MM5Z3V9 Datasheet
102Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Leiditech Elec...
MM5Z3V9 LEIDITECH-MM5Z3V9 Datasheet
518Kb / 4P
   Standard Zener Breakdown Voltage Range 2.0 V to 75 V
logo
Weitron Technology
MM5Z3V9 WEITRON-MM5Z3V9 Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Nanjing International G...
MM5Z3V9 DGNJDZ-MM5Z3V9 Datasheet
115Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - MM5Z3V9

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com