Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTH10 Datasheet(PDF) 5 Page - Weitron Technology

Part # MMBTH10
Description  NPN 1.1 GHz RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBTH10 Datasheet(HTML) 5 Page - Weitron Technology

  MMBTH10_07 Datasheet HTML 1Page - Weitron Technology MMBTH10_07 Datasheet HTML 2Page - Weitron Technology MMBTH10_07 Datasheet HTML 3Page - Weitron Technology MMBTH10_07 Datasheet HTML 4Page - Weitron Technology MMBTH10_07 Datasheet HTML 5Page - Weitron Technology MMBTH10_07 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MMBTH10
WEITRON
http://www.weitron.com.tw
5/6
09-Feb-07
Common Emitter Y Parameters vs. Frequency
Input Admittance
100
200
500
1000
0
4
8
12
16
20
24
f - FREQUENCY (MHz)
V
= 10V
CE
I = 2 mA
C
g ie
b ie
Output Admittance
P 42 (EMITTER)
100
200
500
1000
0
1
2
3
4
5
6
f - FREQUENCY (MHz)
V = 10V
CE
I = 2 mA
C
g oe
boe
Forward Transfer Admittance
P 42 (EMITTER)
100
200
500
1000
-60
-40
-20
0
20
40
60
f - FREQUENCY (MHz)
V = 10V
CE
I = 2 mA
C
g fe
b fe
Reverse Transfer Admittance
100
200
500
1000
0
0.2
0.4
0.6
0.8
1
1.2
f - FREQUENCY (MHz)
V = 10V
CE
I = 2 mA
C
-g re
-b re


Similar Part No. - MMBTH10_07

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBTH10 PANJIT-MMBTH10_06 Datasheet
154Kb / 5P
   VHF/UHF NPN SILICON TRANSISTOR
More results

Similar Description - MMBTH10_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG10X NXP-BFG10X_95 Datasheet
65Kb / 10P
   NPN 2 GHz RF power transistor
1995 Aug 31
logo
Quanzhou Jinmei Electro...
BFG10X_2015 JMNIC-BFG10X_2015 Datasheet
65Kb / 10P
   NPN 2 GHz RF power transistor
logo
NXP Semiconductors
BFG10 NXP-BFG10 Datasheet
257Kb / 11P
   NPN 2 GHz RF power transistor
Rev. 05-22 November 2007
BFG11 PHILIPS-BFG11 Datasheet
79Kb / 12P
   NPN 2 GHz RF power transistor
1995 Apr 07
BFG10 PHILIPS-BFG10 Datasheet
74Kb / 10P
   NPN 2 GHz RF power transistor
1995 Aug 31
logo
Quanzhou Jinmei Electro...
BFG10X JMNIC-BFG10X_15 Datasheet
65Kb / 10P
   NPN 2 GHz RF power transistor
logo
TriQuint Semiconductor
QPD1025L TRIQUINT-QPD1025L Datasheet
1Mb / 18P
   1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
QPD1025 TRIQUINT-QPD1025 Datasheet
1Mb / 18P
   1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
logo
Vishay Siliconix
TSDF1205 VISHAY-TSDF1205_05 Datasheet
221Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.5, 02-May-05
TSDF1220 VISHAY-TSDF1220_08 Datasheet
342Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.8, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com