Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN2111 Datasheet(PDF) 4 Page - Weitron Technology

Part # MUN2111
Description  Bias Resistor Transistor PNP Silicon
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN2111 Datasheet(HTML) 4 Page - Weitron Technology

  MUN2111 Datasheet HTML 1Page - Weitron Technology MUN2111 Datasheet HTML 2Page - Weitron Technology MUN2111 Datasheet HTML 3Page - Weitron Technology MUN2111 Datasheet HTML 4Page - Weitron Technology MUN2111 Datasheet HTML 5Page - Weitron Technology MUN2111 Datasheet HTML 6Page - Weitron Technology MUN2111 Datasheet HTML 7Page - Weitron Technology MUN2111 Datasheet HTML 8Page - Weitron Technology MUN2111 Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
WEITRON
http://www.weitron.com.tw
MUN2111 Series
Characteristics
Symbol
Min
Max
Unit
Typ
Electrical Characteristics
On Characteristics
(TA=25 C Unless Otherwise noted)
Input Resistor
R1/R2
R1
7.0
15.4
32.9
7.0
7.0
3.3
1.5
0.7
3.3
3.3
15.4
70
32.9
32.9
0.17
0.8
-
0.8
0.055
0.38
1.7
0.21
1.0
-
1.0
0.1
0.47
2.1
0.25
1.2
-
1.2
0.185
0.56
2.6
10
22
47
10
10
4.7
2.2
1.0
4.7
4.7
22
100
47
47
13
28.6
61.1
13
13
6.1
2.9
1.3
6.1
6.1
28.6
130
61.1
61.1
MUN2114
MUN2115/MUN2116/MUN2140
MUN2130/MUN2131/MUN2132
MUN2133
MUN2134
MUN2137
Resistor Ratio MUN2111/MUN2112/MUN2113
k
MUN2136
WE IT R ON
2. Pulse Test: Pulse Width < 300 us, Duty Cycle < 2.0 %
MUN2111
(2)
MUN2112
MUN2113
MUN2114
MUN2115
MUN2116
MUN2130
MUN2131
MUN2132
MUN2133
MUN2134
MUN2136
MUN2137
MUN2140
FIG.1 Derating Curve
350
200
150
100
50
0
-50
0
50
100
150
250
300
LOAD
+12 V
FIG.2 Inexpensive, Unregulated Current Source
Typical Application
for PNP BRTs
A
T , AMBIENT TEMPERATURE( C)
R =370 C/W
θJA


Similar Part No. - MUN2111

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MUN2111 ETL-MUN2111 Datasheet
282Kb / 7P
   Bias Resistor Transistor
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MUN2111 ONSEMI-MUN2111 Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
December, 2013 ??Rev. 7
MUN2111 ONSEMI-MUN2111 Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k PNP Transistors with Monolithic Bias Resistor Network
December, 2013 ??Rev. 7
MUN2111 ONSEMI-MUN2111 Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 8
More results

Similar Description - MUN2111

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
DTA114EE WEITRON-DTA114EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com