Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTH020A0X Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # APTH020A0X
Description  TLynxTM: Non-Isolated DC-DC Power Modules
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTH020A0X Datasheet(HTML) 3 Page - Lineage Power Corporation

  APTH020A0X_10 Datasheet HTML 1Page - Lineage Power Corporation APTH020A0X_10 Datasheet HTML 2Page - Lineage Power Corporation APTH020A0X_10 Datasheet HTML 3Page - Lineage Power Corporation APTH020A0X_10 Datasheet HTML 4Page - Lineage Power Corporation APTH020A0X_10 Datasheet HTML 5Page - Lineage Power Corporation APTH020A0X_10 Datasheet HTML 6Page - Lineage Power Corporation APTH020A0X_10 Datasheet HTML 7Page - Lineage Power Corporation APTH020A0X_10 Datasheet HTML 8Page - Lineage Power Corporation APTH020A0X_10 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
January 26, 2010
TLynxTM: Non-isolated DC-DC Power Modules:
2.4 – 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point (with 0.5% tolerance for
external resistor used to set output voltage)
All
VO, set
-1.5
+1.5
% VO, set
Output Voltage
All
VO, set
-3.0
+3.0
% VO, set
(Over all operating input voltage, resistive load, and
temperature conditions until end of life)
Adjustment Range
All
VO
0.6
3.63
Vdc
Selected by an external resistor
Output Regulation (for VO ≥ 2.5Vdc)
Line (VIN=VIN, min to VIN, max)
All
0.4
% VO, set
Load (IO=IO, min to IO, max)
All
0.4
% VO, set
Output Regulation (for VO < 2.5Vdc)
Line (VIN=VIN, min to VIN, max)
All
10
mV
Load (IO=IO, min to IO, max)
All
10
mV
Temperature (Tref=TA, min to TA, max)
All
0.4
% VO, set
Remote Sense Range
All
0.5
V
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max Co = 0.1μF // 10 μF
ceramic capacitors)
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
20
35
mVpk-pk
RMS (5Hz to 20MHz bandwidth)
All
10
15
mVrms
External Capacitance
1
Without the Tunable Loop
TM
ESR ≥ 1 mΩ
All
CO, max
0
200
μF
With the Tunable Loop
TM
ESR ≥ 0.15 mΩ
All
CO, max
0
1000
μF
ESR ≥ 10 mΩ
All
CO, max
0
10000
μF
Output Current
All
Io
0
20
Adc
Output Current Limit Inception (Hiccup Mode )
All
IO, lim
200
% Io,max
Output Short-Circuit Current
All
IO, s/c
30
% Io,max
(VO≤250mV) ( Hiccup Mode )
Efficiency
VO,set = 0.6Vdc
η
70.0
%
VIN= 3.3Vdc, TA=25°C
VO, set = 1.2Vdc
η
81.9
%
IO=IO, max , VO= VO,set
VO,set = 1.8Vdc
η
87.3
%
VO,set = 2.5Vdc
η
90.8
%
Vin=5Vdc
VO,set = 3.3Vdc
η
92.9
%
Switching Frequency
All
fsw
600
kHz
Dynamic Load Response
(dIo/dt=10A/
μs; VIN = 3.3V; VO = 1.5V, TA=25°C)
Load Change from Io= 0% to 50% of Io,max; Co = 0
Peak Deviation
All
Vpk
330
mV
Settling Time (Vo<10% peak deviation)
All
ts
30
μs
Load Change from Io= 50% to 0% of Io,max: Co = 0
Peak Deviation
All
Vpk
420
mV
Settling Time (Vo<10% peak deviation)
All
ts
30
μs
1 External capacitors may require using the new Tunable LoopTM feature to ensure that the module is stable as well as
getting the best transient response. See the Tunable Loop
TM section for details.
LINEAGE POWER
3


Similar Part No. - APTH020A0X_10

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTH020A0X3-SR LINEAGEPOWER-APTH020A0X3-SR Datasheet
556Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
APTH020A0X3-SRZ LINEAGEPOWER-APTH020A0X3-SRZ Datasheet
556Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
APTH020A0X43-SRZ LINEAGEPOWER-APTH020A0X43-SRZ Datasheet
556Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
More results

Similar Description - APTH020A0X_10

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS030A0X LINEAGEPOWER-APTS030A0X Datasheet
763Kb / 23P
   12V Mega TLynxTM : Non-Isolated DC-DC Power Modules
APTS012A0X LINEAGEPOWER-APTS012A0X_10 Datasheet
1Mb / 26P
   12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXK004A0X-SRZ LINEAGEPOWER-APXK004A0X-SRZ_10 Datasheet
660Kb / 25P
   16V Pico TLynxTM 4A: Non-Isolated DC-DC Power Modules
APXS002A0X LINEAGEPOWER-APXS002A0X Datasheet
945Kb / 25P
   12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com