Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2235 Datasheet(PDF) 8 Page - Weitron Technology

Part # MMUN2235
Description  Bias Resistor Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMUN2235 Datasheet(HTML) 8 Page - Weitron Technology

Back Button MMUN2235 Datasheet HTML 2Page - Weitron Technology MMUN2235 Datasheet HTML 3Page - Weitron Technology MMUN2235 Datasheet HTML 4Page - Weitron Technology MMUN2235 Datasheet HTML 5Page - Weitron Technology MMUN2235 Datasheet HTML 6Page - Weitron Technology MMUN2235 Datasheet HTML 7Page - Weitron Technology MMUN2235 Datasheet HTML 8Page - Weitron Technology MMUN2235 Datasheet HTML 9Page - Weitron Technology MMUN2235 Datasheet HTML 10Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
WEITRON
http://www.weitron.com.tw
MMUN2211 Series
TYPICAL ELECTRICAL CHARACTERISTICS
MMUN2232
Figure 24. Output Capacitance
Figure 25. Output Current vs. Input Voltage
f = 1 MHz
IE = 0 A
TA = 25
0
100
10
24
6
1
0.1
0.01
8
0
4
3
20
2
1
0
Vin, INPUT VOLTAGE (VOL TS)
VR, REVERSE BIAS VOL TAGE (VOL TS)
10
60
50
40
30
5
6
VO = 5 V
75
TA = -25
25
Figure 26. Output Voltage vs. Input Current
VO = 0.2 V
0
10
10
20
30
1
0.1
IC, COLLECTOR CURRENT (mA)
TA = -25
75
25
MMUN2233
75
TA = -25
Figure 27. VCE(sat) vs. I C
25
IC/IB = 10
12
1
0.1
0.001
17
7
22
2
IC, COLLECTOR CURRENT (mA)
0.01
27
32
Figure 28. DC Current Gain
VCE = 10 V
1
1000
100
10
1
10
IC, COLLECTOR CURRENT (mA)
TA = -25
100
75
25


Similar Part No. - MMUN2235

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMUN2235 WEITRON-MMUN2235 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Jiangsu High diode Semi...
MMUN2235 HDSEMI-MMUN2235 Datasheet
2Mb / 11P
   SOT-23 Plastic-Encapsulate Bias Resistor Transistor
logo
ON Semiconductor
MMUN2235L ONSEMI-MMUN2235L Datasheet
149Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 1
MMUN2235L ONSEMI-MMUN2235L Datasheet
110Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
August, 2015 ??Rev. 3
MMUN2235L ONSEMI-MMUN2235L Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
More results

Similar Description - MMUN2235

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com