Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2241 Datasheet(PDF) 2 Page - Weitron Technology

Part # MMUN2241
Description  Bias Resistor Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMUN2241 Datasheet(HTML) 2 Page - Weitron Technology

  MMUN2241 Datasheet HTML 1Page - Weitron Technology MMUN2241 Datasheet HTML 2Page - Weitron Technology MMUN2241 Datasheet HTML 3Page - Weitron Technology MMUN2241 Datasheet HTML 4Page - Weitron Technology MMUN2241 Datasheet HTML 5Page - Weitron Technology MMUN2241 Datasheet HTML 6Page - Weitron Technology MMUN2241 Datasheet HTML 7Page - Weitron Technology MMUN2241 Datasheet HTML 8Page - Weitron Technology MMUN2241 Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
WEITRON
http://www.weitron.com.tw
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutof f Current (VCB= 50 V, IE = 0)
ICBO
-
-
100
nAdc
Collector-Emitter Cutoff Current (VCE= 50 V, IB= 0)
ICEO
-
-
500
nAdc
Emitter-Base Cutof f Current
MMUN2211
(VEB= 6.0 V, I C= 0)
MMUN2212
MMUN2213
MMUN2214
MMUN2215
MMUN2216
MMUN2230
MMUN2231
MMUN2232
MMUN2233
MMUN2234
MMUN2235
MMUN2238
MMUN2241
MMUN2211
MMUN2212
MMUN2213
MMUN2214
MMUN2215
MMUN2216
MMUN2230
MMUN2231
MMUN2232
MMUN2233
MMUN2234
MMUN2235
MMUN2238
MMUN2241
MMUN2211
MMUN2212
MMUN2213
MMUN2214
MMUN2215
MMUN2216
MMUN2230
MMUN2231
MMUN2232
MMUN2233
MMUN2234
MMUN2235
MMUN2238
MMUN2241
IEBO
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
4.0
0.1
mAdc
Collector-Base Breakdown Voltage (I C = 10 mA, I E = 0)
V
(BR)CBO
50
-
-
Vdc
Collector-Emitter Breakdown Voltage (Note 2.)
(IC = 2.0 mA, IB = 0)
V (BR)CEO
50
-
-
Vdc
ON CHARACTERISTICS (Note 2.)
DC Current Gain
(VCE= 10 V, IC = 5.0 mA)
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
160
160
60
100
140
140
350
350
5.0
15
30
200
150
140
350
350
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
(IC= 10 mA, I B = 5 mA) MMUN2230/MMUN2231
(IC= 10 mA, I B = 1 mA) MMUN2215/MMUN2216/MMUN2232
MMUN2233/MMUN2234/MMUN2235/MMUN2238
2. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0 %.
VCE(sat)
-
-
0.25
Vdc
Output Voltage (on)
(VCC= 5.0 V, VB= 2.5 V, RL= 1.0 kW)
(VCC= 5.0 V, VB= 3.5 V, RL= 1.0 k )
(VCC= 5.0 V, VB= 5.0 V, RL= 1.0 k )
VOL
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
MMUN2211 Series
W
W


Similar Part No. - MMUN2241

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMUN2241 WEITRON-MMUN2241 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Jiangsu High diode Semi...
MMUN2241 HDSEMI-MMUN2241 Datasheet
2Mb / 11P
   SOT-23 Plastic-Encapsulate Bias Resistor Transistor
logo
ON Semiconductor
MMUN2241L ONSEMI-MMUN2241L Datasheet
143Kb / 11P
   Digital Transistors (BRT) R1 = 100 k R2 = k
February, 2012 ??Rev. 1
MMUN2241L ONSEMI-MMUN2241L Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 2
logo
Leshan Radio Company
MMUN2241LT1 LRC-MMUN2241LT1 Datasheet
146Kb / 10P
   Bias Resistor Transistor
More results

Similar Description - MMUN2241

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com