Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5211DW Datasheet(PDF) 1 Page - Weitron Technology

Part # MUN5211DW
Description  Surface Mount Dual Bias Resistor Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN5211DW Datasheet(HTML) 1 Page - Weitron Technology

  MUN5211DW_08 Datasheet HTML 1Page - Weitron Technology MUN5211DW_08 Datasheet HTML 2Page - Weitron Technology MUN5211DW_08 Datasheet HTML 3Page - Weitron Technology MUN5211DW_08 Datasheet HTML 4Page - Weitron Technology MUN5211DW_08 Datasheet HTML 5Page - Weitron Technology MUN5211DW_08 Datasheet HTML 6Page - Weitron Technology MUN5211DW_08 Datasheet HTML 7Page - Weitron Technology MUN5211DW_08 Datasheet HTML 8Page - Weitron Technology MUN5211DW_08 Datasheet HTML 9Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Surface Mount Dual Bias Resistor Transistor
NPN Silicon
Maximum Ratings
Collector-Emitter Voltage
Collector-Base Voltage
Symbol
VCEO
VCBO
IC
Value
50
50
100
Unit
Vdc
Vdc
mAdc
Rating
WEITRON
MUN5211DW Series
http://www.weitron.com.tw
Total Device Dissipation TA=25 C
Thermal Resistance, Junction to Ambient
Junction and Storage, Temperature
Characteristics
TJ,Tstg
PD
Symbol
Max
187
256
1.5
2.0
670(2)
490(3)
-55 to +150
Unit
mW
mW/ C
C/W
C
Thermal Characteristics
Device Marking and Resistor Values
R JA
NPN+NPN
Collector Current
θ
(1)
(2)
(3)
(2)
(3)
Device
MUN5211DW
MUN5212DW
MUN5213DW
MUN5214DW
MUN5215DW
MUN5216DW
MUN5230DW
Marking
R1(K)
R2(K)
7A
7B
7C
7D
7E
7F
7G
10
22
47
10
10
4.7
1.0
10
22
47
47
1.0
Device
MUN5231DW
MUN5232DW
MUN5233DW
MUN5234DW
MUN5235DW
MUN5236DW
MUN5237DW
Marking
R1(K)
R2(K)
7H
7J
7K
7L
7M
7N
7P
2.2
4.7
4.7
22
2.2
100
47
2.2
4.7
47
47
47
100
22
1.One Junction Heated
2.FR-4 @ Minimum Pad
3.FR-4 @ 1.0 1.0 Inch Pad
I
SOT-363(SC-88)
1
2
3
6 5
4
Lead(Pb)-Free
P b
1/9
Rev.B 09-Jun-08
1
3
2
6
4
5
Q1
Q2
R1
R2
R1 R
2


Similar Part No. - MUN5211DW_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5211DW1 ONSEMI-MUN5211DW1 Datasheet
159Kb / 8P
   Dual NPN Bias Resistor Transistors
June, 2016 ??Rev. 4
logo
Motorola, Inc
MUN5211DW1T1 MOTOROLA-MUN5211DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
logo
ON Semiconductor
MUN5211DW1T1 ONSEMI-MUN5211DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Leshan Radio Company
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5211DW1T1 ONSEMI-MUN5211DW1T1 Datasheet
151Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
More results

Similar Description - MUN5211DW_08

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5211DW WEITRON-MUN5211DW Datasheet
243Kb / 6P
   Surface Mount Dual Bias Resistor Transistor NPN Silicon
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTA144TT1 ONSEMI-DTA144TT1 Datasheet
124Kb / 3P
   Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
August, 2006 ??Rev. 3
logo
Shanghai Leiditech Elec...
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMBT3906DW1T1 LRC-LMBT3906DW1T1 Datasheet
188Kb / 6P
   Dual Bias Resistor Transistor
LMBT3906DW1T1G LRC-LMBT3906DW1T1G Datasheet
423Kb / 8P
   Dual Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com