Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5312DW Datasheet(PDF) 6 Page - Weitron Technology

Part # MUN5312DW
Description  Dual Bias Resistor Transistor NPNPNP Silicon
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN5312DW Datasheet(HTML) 6 Page - Weitron Technology

Back Button MUN5312DW Datasheet HTML 2Page - Weitron Technology MUN5312DW Datasheet HTML 3Page - Weitron Technology MUN5312DW Datasheet HTML 4Page - Weitron Technology MUN5312DW Datasheet HTML 5Page - Weitron Technology MUN5312DW Datasheet HTML 6Page - Weitron Technology MUN5312DW Datasheet HTML 7Page - Weitron Technology MUN5312DW Datasheet HTML 8Page - Weitron Technology MUN5312DW Datasheet HTML 9Page - Weitron Technology MUN5312DW Datasheet HTML 10Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
WEITRON
http://www.weitron.com.tw
MUN5311DW Series
6/29
TYPICAL ELECTRICAL CHARACTERISTICS − MUN5311DW1T1 PNP TRANSISTOR
Figure 7. VCE(sat) versus IC
100
10
1
0
Vin, INPUT VOLTAGE (VOLTS)
TA
°C
25°C
Figure 8. DC Current Gain
Figure 9. Output Capacitance
Figure 10. Output Current versus Input
Voltage
Figure 11. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
50
1000
1
10
100
IC, COLLECTOR CURRENT (mA)
TA
°C
−25°C
100
10
0
IC, COLLECTOR CURRENT (mA)
1
10
100
TA
°C
25°C
75°C
75°C
IC/IB = 10
50
0
10
20
30
40
4
3
1
2
VR, REVERSE BIAS VOLTAGE (VOLTS)
0
TA
°C
25°C
75°C
25°C
VCE = 10 V
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
WEITRON
Rev.A 29-Dec-05


Similar Part No. - MUN5312DW

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MUN5312DW YEASHIN-MUN5312DW Datasheet
1Mb / 29P
   Dual Bias Resistor Transistors
logo
AiT Semiconductor Inc.
MUN5312DW AITSEMI-MUN5312DW Datasheet
2Mb / 32P
   DUAL BIAS RESISTOR TRANSISTOR NPN & PNP WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
ON Semiconductor
MUN5312DW1 ONSEMI-MUN5312DW1 Datasheet
168Kb / 10P
   Complementary Bias Resistor Transistors R1 = 22 k, R2 = 22 k
September, 2012 ??Rev. 0
MUN5312DW1 ONSEMI-MUN5312DW1 Datasheet
105Kb / 10P
   Complementary Bias Resistor Transistors
June, 2015 ??Rev. 3
logo
Motorola, Inc
MUN5312DW1T1 MOTOROLA-MUN5312DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
More results

Similar Description - MUN5312DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5111DW WEITRON-MUN5111DW Datasheet
438Kb / 19P
   Dual Bias Resistor Transistor PNP Silicon
logo
AiT Semiconductor Inc.
MUN5311DW AITSEMI-MUN5311DW Datasheet
2Mb / 32P
   DUAL BIAS RESISTOR TRANSISTOR NPN & PNP WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com