Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5312DW Datasheet(PDF) 11 Page - Weitron Technology

Part # MUN5312DW
Description  Dual Bias Resistor Transistor NPNPNP Silicon
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN5312DW Datasheet(HTML) 11 Page - Weitron Technology

Back Button MUN5312DW Datasheet HTML 7Page - Weitron Technology MUN5312DW Datasheet HTML 8Page - Weitron Technology MUN5312DW Datasheet HTML 9Page - Weitron Technology MUN5312DW Datasheet HTML 10Page - Weitron Technology MUN5312DW Datasheet HTML 11Page - Weitron Technology MUN5312DW Datasheet HTML 12Page - Weitron Technology MUN5312DW Datasheet HTML 13Page - Weitron Technology MUN5312DW Datasheet HTML 14Page - Weitron Technology MUN5312DW Datasheet HTML 15Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
WEITRON
http://www.weitron.com.tw
MUN5311DW Series
11/29
TYPICAL ELECTRICAL CHARACTERISTICS − MUN5314DW1T1 NPN TRANSISTOR
10
1
0.1
0
10
20
30
40
50
100
10
1
0
2
4
6
8
10
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8 10 15 20 25 30 35 40 45 50
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 32. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
0
20
40
60
80
Figure 33. DC Current Gain
1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 34. Output Capacitance
Figure 35. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 36. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0.001
−25°C
25°C
TA
°C
VCE = 10
300
250
200
150
100
50
0
2 4 6 8
15 20 40 50 60 70 80 90
f = 1 MHz
lE = 0 V
TA = 25°C
25°C
IC/IB = 10
TA
°C
TA
°C
25°C
−25°C
VO = 0.2 V
TA
°C
75°C
VO = 5 V
25°C
75°C
WEITRON
Rev.A 29-Dec-05


Similar Part No. - MUN5312DW

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MUN5312DW YEASHIN-MUN5312DW Datasheet
1Mb / 29P
   Dual Bias Resistor Transistors
logo
AiT Semiconductor Inc.
MUN5312DW AITSEMI-MUN5312DW Datasheet
2Mb / 32P
   DUAL BIAS RESISTOR TRANSISTOR NPN & PNP WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
ON Semiconductor
MUN5312DW1 ONSEMI-MUN5312DW1 Datasheet
168Kb / 10P
   Complementary Bias Resistor Transistors R1 = 22 k, R2 = 22 k
September, 2012 ??Rev. 0
MUN5312DW1 ONSEMI-MUN5312DW1 Datasheet
105Kb / 10P
   Complementary Bias Resistor Transistors
June, 2015 ??Rev. 3
logo
Motorola, Inc
MUN5312DW1T1 MOTOROLA-MUN5312DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
More results

Similar Description - MUN5312DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5111DW WEITRON-MUN5111DW Datasheet
438Kb / 19P
   Dual Bias Resistor Transistor PNP Silicon
logo
AiT Semiconductor Inc.
MUN5311DW AITSEMI-MUN5311DW Datasheet
2Mb / 32P
   DUAL BIAS RESISTOR TRANSISTOR NPN & PNP WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com