Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTS012A0X Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # APTS012A0X
Description  12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS012A0X Datasheet(HTML) 5 Page - Lineage Power Corporation

  APTS012A0X_10 Datasheet HTML 1Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 2Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 3Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 4Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 5Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 6Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 7Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 8Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
December 2, 2010
12V Micro TLynxTM: Non-isolated DC-DC Power Modules
4.5 – 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to GND)
Device is with suffix “4” – Positive Logic (See Ordering
Information)
Logic High (Module ON)
Input High Current
All
IIH
25
µA
Input High Voltage
All
VIH
VIN – 1
VIN,max
V
Logic Low (Module OFF)
Input Low Current
All
IIL
3
mA
Input Low Voltage
All
VIL
3.5
V
Device Code with no suffix – Negative Logic (See Ordering
Information)
(On/OFF pin is open collector/drain logic input with
external pull-up resistor; signal referenced to GND)
Logic High (Module OFF)
Input High Current
All
IIH
1
mA
Input High Voltage
All
VIH
2.0
VIN, max
Vdc
Logic Low (Module ON)
Input low Current
All
IIL
10
μA
Input Low Voltage
All
VIL
0
1
Vdc
Turn-On Delay and Rise Times
(VIN=VIN, nom, IO=IO, max , VO to within ±1% of steady state)
Case 1: On/Off input is enabled and then input power is
applied (delay from instant at which VIN = VIN, min until Vo =
10% of Vo, set)
All
Tdelay
2
msec
Case 2: Input power is applied for at least one second and
then the On/Off input is enabled (delay from instant at
which Von/Off is enabled until Vo = 10% of Vo, set)
All
Tdelay
2
msec
Output voltage Rise time (time for Vo to rise from
10% of Vo, set to 90% of Vo, set)
All
Trise
5
msec
Output voltage overshoot (TA = 25
oC
3.0
% VO, set
VIN= VIN, min to VIN, max,IO = IO, min to IO, max)
With or without maximum external capacitance
Over Temperature Protection
All
Tref
133
°C
(See Thermal Considerations section)
Sequencing Delay time
Delay from VIN, min to application of voltage on SEQ pin
All
TsEQ-delay
10
msec
Tracking Accuracy
(Power-Up: 0.5V/ms)
All
VSEQ –Vo
100
mV
(Power-Down: 0.5V/ms)
All
VSEQ –Vo
150
mV
(VIN, min to VIN, max; IO, min to IO, max VSEQ < Vo)
Input Undervoltage Lockout
Turn-on Threshold
All
4.45
Vdc
Turn-off Threshold
All
4.2
Vdc
Hysteresis
All
0.25
Vdc


Similar Part No. - APTS012A0X_10

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS012A0X3-25SRZ LINEAGEPOWER-APTS012A0X3-25SRZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
APTS012A0X3-SRDZ LINEAGEPOWER-APTS012A0X3-SRDZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
APTS012A0X3-SRZ LINEAGEPOWER-APTS012A0X3-SRZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
APTS012A0X43-SRZ LINEAGEPOWER-APTS012A0X43-SRZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
More results

Similar Description - APTS012A0X_10

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
APTS030A0X LINEAGEPOWER-APTS030A0X Datasheet
763Kb / 23P
   12V Mega TLynxTM : Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXS002A0X LINEAGEPOWER-APXS002A0X Datasheet
945Kb / 25P
   12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com