Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTS012A0X Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # APTS012A0X
Description  12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS012A0X Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button APTS012A0X_10 Datasheet HTML 4Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 5Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 6Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 7Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 8Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 9Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 10Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 11Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Data Sheet
December 2, 2010
12V Micro TLynxTM: Non-isolated DC-DC Power Modules
4.5 – 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
LINEAGE POWER
8
Characteristic Curves (continued)
The following figures provide typical characteristics for the 12V Micro TLynx
TM at 1.2Vo and at 25oC.
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 7. Converter Efficiency versus Output Current.
Figure 8. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (100
μs /div)
Figure 9. Typical output ripple and noise (VIN = 12V, Io =
Io,max).
Figure 10. Transient Response to Dynamic Load
Change from 0% to 50% to 0%.
TIME, t (1 ms/div)
TIME, t (1 ms/div)
Figure 11. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 12. Typical Start-up Using Input Voltage (VIN =
12V, Io = Io,max).
70
75
80
85
90
95
02
46
8
10
12
Vin=14V
Vin=12V
Vin=4.5V
4
6
8
10
12
14
55
65
75
85
95
105
Standard Part
(85°C)
Ruggedized (D)
Part (105°C)
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
1.5m/s
(300LFM)
2m/s
(400LFM)


Similar Part No. - APTS012A0X_10

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS012A0X3-25SRZ LINEAGEPOWER-APTS012A0X3-25SRZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
APTS012A0X3-SRDZ LINEAGEPOWER-APTS012A0X3-SRDZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
APTS012A0X3-SRZ LINEAGEPOWER-APTS012A0X3-SRZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
APTS012A0X43-SRZ LINEAGEPOWER-APTS012A0X43-SRZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
More results

Similar Description - APTS012A0X_10

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
APTS030A0X LINEAGEPOWER-APTS030A0X Datasheet
763Kb / 23P
   12V Mega TLynxTM : Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXS002A0X LINEAGEPOWER-APXS002A0X Datasheet
945Kb / 25P
   12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com