Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN2237 Datasheet(PDF) 5 Page - Weitron Technology

Part # MUN2237
Description  NPN Silicon Bias Resistor Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN2237 Datasheet(HTML) 5 Page - Weitron Technology

  MUN2237 Datasheet HTML 1Page - Weitron Technology MUN2237 Datasheet HTML 2Page - Weitron Technology MUN2237 Datasheet HTML 3Page - Weitron Technology MUN2237 Datasheet HTML 4Page - Weitron Technology MUN2237 Datasheet HTML 5Page - Weitron Technology MUN2237 Datasheet HTML 6Page - Weitron Technology MUN2237 Datasheet HTML 7Page - Weitron Technology MUN2237 Datasheet HTML 8Page - Weitron Technology MUN2237 Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
WEITRON
http://www.weitron.com.tw
MUN2211 Series
FIG9. Output Capacitance
50
0
10
20
30
40
4
3
2
1
0
VR , REVERSE BIAS VOL TAGE (VOLTS)
f = 1 MHz
IE = 0 V
TA = 25 C
FIG10. Output Current versus Input Voltage
75 C
25 C
100
0
Vin , INPUT VOLTAGE (VOLTS)
10
1
0.1
0.01
0.001
2
4
6
8
10
TA = -25 C
VO = 5 V
0
IC, COLLECTOR CURRENT (mA)
100
VO = 0.2 V
TA = -25 C
75 C
10
1
0.1
10
20
30
40
50
25 C
FIG11. Input Voltage versus Output Current
FIG12. VCE(sat) versus I C
0
20
40
60
80
10
1
0.1
0.01
IC , COLLECTOR CURRENT (mA)
TA = -25 C
25 C
75 C
IC/IB = 10
FIG13. DC Current Gain
1000
10
IC, COLLECTOR CURRENT (mA)
TA = 75 C
25 C
-25 C
100
10
1
100
VCE = 10 V
FIG14. Output Capacitance
50
0
10
20
30
40
1
0.8
0.6
0.4
0.2
0
VR , REVERSE BIAS VOLTAGE (VOLTS)
f = 1 MHz
IE = 0 V
TA = 25 C


Similar Part No. - MUN2237

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2237 WEITRON-MUN2237 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2237 ONSEMI-MUN2237 Datasheet
137Kb / 11P
   Digital Transistors (BRT) R1 = 47 k, R2 = 22 k
August, 2012 ??Rev. 0
MUN2237 ONSEMI-MUN2237 Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 22 k
March, 2014 ??Rev. 3
MUN2237 ONSEMI-MUN2237 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2237T1 ONSEMI-MUN2237T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
More results

Similar Description - MUN2237

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com