Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5131DW Datasheet(PDF) 1 Page - Weitron Technology

Part # MUN5131DW
Description  Dual Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN5131DW Datasheet(HTML) 1 Page - Weitron Technology

  MUN5131DW Datasheet HTML 1Page - Weitron Technology MUN5131DW Datasheet HTML 2Page - Weitron Technology MUN5131DW Datasheet HTML 3Page - Weitron Technology MUN5131DW Datasheet HTML 4Page - Weitron Technology MUN5131DW Datasheet HTML 5Page - Weitron Technology MUN5131DW Datasheet HTML 6Page - Weitron Technology MUN5131DW Datasheet HTML 7Page - Weitron Technology MUN5131DW Datasheet HTML 8Page - Weitron Technology MUN5131DW Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Dual Bias Resistor Transistor
Collector-Emitter Voltage
Symbol
VCEO
Value
-50
Unit
Rating
IC
VCBO
-50
mAdc
Vdc
Vdc
Collector Current-Continuous
-100
MUN5111DW Series
http://www.weitron.com.tw
WEITRON
M aximum R atings ( TA=25 C unless otherwise noted)
Total Device Dissipation FR-5 Board
(1)TA=25 C
Derate above 25 C
Thermal Resistance, Junction to Ambient
Junction and Storage,Temperature Range
Characteristics
TJ,Tstg
R θJA
PD
Symbol
Max
Unit
mW
mW/ C
C/W
C
Thermal Characteristics
Device Marking and Resistor Values
(1)
187
1.5
493
325
-55 to +150
Collector-Base Voltage
1.FR-4 @ minimum pad
2.FR-4 @ 1.0 1.0 inch Pad
Device
MUN5111
MUN5112
MUN5113
MUN5114
MUN5115
MUN5116
MUN5130
Marking
R1(K)
R2(K)
0A
0B
0C
0D
0E
0F
0G
10
22
47
10
10
4.7
1.0
10
22
47
47
1.0
Device
MUN5131
MUN5132
MUN5133
MUN5134
MUN5135
MUN5136
MUN5137
Marking
R1(K)
R2(K)
0H
0J
0K
0L
0M
0N
0P
2.2
4.7
4.7
22
2.2
100
47
2.2
4.7
47
47
47
100
22
l
PNP Silicon
SOT-363(SC-88)
1
2
3
6 5
4
1
3
2
6
4
5
Q1
Q2
R1
R2
R1
R2
1/12
Rev.A 20-Jan-09


Similar Part No. - MUN5131DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5131DW WEITRON-MUN5131DW Datasheet
438Kb / 19P
   Dual Bias Resistor Transistor PNP Silicon
logo
Yea Shin Technology Co....
MUN5131DW YEASHIN-MUN5131DW Datasheet
1Mb / 12P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5131DW1 ONSEMI-MUN5131DW1 Datasheet
110Kb / 6P
   Dual PNP Bias Resistor Transistors R1 = 2.2 k, R2 = 2.2 k
September, 2012 ??Rev. 0
logo
Motorola, Inc
MUN5131DW1T1 MOTOROLA-MUN5131DW1T1 Datasheet
216Kb / 12P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5131DW1T1 ONSEMI-MUN5131DW1T1 Datasheet
172Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
More results

Similar Description - MUN5131DW

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT3906DW1T1 LRC-LMBT3906DW1T1 Datasheet
188Kb / 6P
   Dual Bias Resistor Transistor
LMBT3906DW1T1G LRC-LMBT3906DW1T1G Datasheet
423Kb / 8P
   Dual Bias Resistor Transistor
logo
ON Semiconductor
NSB1706DMW5T1 ONSEMI-NSB1706DMW5T1 Datasheet
49Kb / 3P
   Dual Bias Resistor Transistor
May, 2006 ??Rev. 3
IMD10AMT1G ONSEMI-IMD10AMT1G Datasheet
97Kb / 5P
   Dual Bias Resistor Transistor
April, 2012 ??Rev. 0
IMH20T1G ONSEMI-IMH20T1G Datasheet
23Kb / 4P
   Dual Bias Resistor Transistor
July, 2003 - Rev. 0
IMD10AMT1G ONSEMI-IMD10AMT1G_14 Datasheet
62Kb / 5P
   Dual Bias Resistor Transistor
May, 2014 ??Rev. 1
IMD10AMT1G ONSEMI-IMD10AMT1G_V01 Datasheet
63Kb / 5P
   Dual Bias Resistor Transistor
May, 2017 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
MMBT3906DW1T1 WILLAS-MMBT3906DW1T1 Datasheet
349Kb / 6P
   Dual Bias Resistor Transistor
logo
ON Semiconductor
NSB1706DMW5T1G ONSEMI-NSB1706DMW5T1G_09 Datasheet
123Kb / 3P
   Dual Bias Resistor Transistor
October, 2009 ??Rev. 4
IMH20TR1G ONSEMI-IMH20TR1G Datasheet
30Kb / 2P
   Dual Bias Resistor Transistor
January, 2004 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com