Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTS030A0X Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # APTS030A0X
Description  12V Mega TLynxTM : Non-Isolated DC-DC Power Modules
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS030A0X Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button APTS030A0X Datasheet HTML 7Page - Lineage Power Corporation APTS030A0X Datasheet HTML 8Page - Lineage Power Corporation APTS030A0X Datasheet HTML 9Page - Lineage Power Corporation APTS030A0X Datasheet HTML 10Page - Lineage Power Corporation APTS030A0X Datasheet HTML 11Page - Lineage Power Corporation APTS030A0X Datasheet HTML 12Page - Lineage Power Corporation APTS030A0X Datasheet HTML 13Page - Lineage Power Corporation APTS030A0X Datasheet HTML 14Page - Lineage Power Corporation APTS030A0X Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
November 11, 2010
12V Mega TLynxTM: Non-Isolated DC-DC Power Modules:
6.0 – 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 30A output current
LINEAGE POWER
11
0
20
40
60
80
100
120
140
0.51
1.52
2.53
Output Voltage (Volts)
1x10uF External Cap
1x47uF External Cap
2x47uF External Cap
4x47uF External Cap
Figure 29. Output ripple voltage for various
output voltages with external 1x10 µF, 1x47 µF,
2x47 µF or 4x47 µF ceramic capacitors at the
output (30A load). Input voltage is 12V.
Safety Considerations
For safety agency approval the power module must
be installed in compliance with the spacing and
separation requirements of the end-use safety
agency standards, i.e., UL 60950-1 2nd Edition,
CSA C22.2 No. 60950-1-07, and VDE 0805-
1+A11:2009-11 (DIN EN60950-1 2nd Edition)
Licensed. The APTS030A0X were tested using a
30A, time delay fuse in the ungrounded input.
For the converter output to be considered meeting
the requirements of safety extra-low voltage
(SELV), the input must meet SELV requirements.
The power module has extra-low voltage (ELV)
outputs when all inputs are ELV. The input to these
units is to be provided with a time-delay fuse with a
maximum rating of 30A in the positive input lead.
Feature Descriptions
Remote On/Off
The 12V Mega TLynx
TM power modules feature a
On/Off pin for remote On/Off operation. If not using
the On/Off pin, connect the pin to ground (the
module will be ON). The On/Off signal (Von/off) is
referenced to ground. The circuit configuration for
remote On/Off operation of the module using the
On/Off pin is shown in Figure 30.
During a Logic High on the On/Off pin (transistor Q1
is OFF), the module remains OFF. The external
resistor R1 should be chosen to maintain 3.0V
minimum on the On/Off pin to ensure that the
module is OFF when transistor Q1 is in the OFF
state. Suitable values for R1 are 4.7K for input
voltage of 12V and 3K for 5Vin. During Logic-Low
when Q1 is turned ON, the module is turned ON.
The On/Off pin can also be used to synchronize the
output voltage start-up and shutdown of multiple
modules in parallel. By connecting On/Off pins of
multiple modules, the output start-up can be
synchronized (please refer to characterization
curves). When On/Off pins are connected together,
all modules will shutdown if any one of the modules
gets disabled due to undervoltage lockout or over
temperature protection
.
100K
Q1
GND
PWM Enable
ON/OFF
VIN+
ON/OFF
_
+
I
V
MODULE
R1
ON/OFF
1K
100K
Thermal SD
Figure 30. Remote On/Off Implementation
using ON/OFF .
Overcurrent Protection
To provide protection in a fault (output overload)
condition, the unit is equipped with internal
current-limiting circuitry and can endure current
limiting continuously. At the point of current-limit
inception, the unit enters hiccup mode. The unit
operates normally once the output current is
brought back into its specified range.


Similar Part No. - APTS030A0X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS003A0X-SRDZ LINEAGEPOWER-APTS003A0X-SRDZ Datasheet
627Kb / 25P
   12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
APTS003A0X-SRZ LINEAGEPOWER-APTS003A0X-SRZ Datasheet
627Kb / 25P
   12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
APTS003A0X4-SRZ LINEAGEPOWER-APTS003A0X4-SRZ Datasheet
627Kb / 25P
   12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
More results

Similar Description - APTS030A0X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
APTS012A0X LINEAGEPOWER-APTS012A0X_10 Datasheet
1Mb / 26P
   12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXS002A0X LINEAGEPOWER-APXS002A0X Datasheet
945Kb / 25P
   12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com