Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5232DW Datasheet(PDF) 5 Page - Weitron Technology

Part # MUN5232DW
Description  Surface Mount Dual Bias Resistor Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN5232DW Datasheet(HTML) 5 Page - Weitron Technology

  MUN5232DW Datasheet HTML 1Page - Weitron Technology MUN5232DW Datasheet HTML 2Page - Weitron Technology MUN5232DW Datasheet HTML 3Page - Weitron Technology MUN5232DW Datasheet HTML 4Page - Weitron Technology MUN5232DW Datasheet HTML 5Page - Weitron Technology MUN5232DW Datasheet HTML 6Page - Weitron Technology MUN5232DW Datasheet HTML 7Page - Weitron Technology MUN5232DW Datasheet HTML 8Page - Weitron Technology MUN5232DW Datasheet HTML 9Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MUN5211DW Series
WEITRON
http://www.weitron.com.tw
FIG 1. Derating Curve
300
200
150
100
50
0
- 50
0
50
100
150
TA , AMBIE NT TE MP E R ATUR E ( C )
R θJA = 833 C /W
250
FIG 2. VCE(sat) versus IC
1
0.1
0.01
0.001
020
40
50
IC , COLLECTOR CURRENT (m A)
TA =-25 C
25 C
75 C
IC/IB= 10
FIG 3. DC Current Gain
1000
100
10
1
10
100
IC , COLLECTOR CURRENT (m A)
TA =75 C
25 C
-25 C
VCE = 10 V
FIG 4. Output Capacitance
FIG 5. Output Current versus Input Voltage
75 C
25 C
TA =-25 C
100
10
1
0.1
0.01
0.001
01
2
3
4
Vin, INPUT VOLTAGE (VOLTS)
56
7
8
9
10
50
010
20
30
40
4
3
1
2
0
VR, REVERSE BIAS VOL TAGE (VOLTS)
f = 1 MHz
IE = 0 V
TA = 25 C
VO = 5 V
10
020
30
IC, COLLECTOR CURRENT (m A)
10
1
0.1
TA =-25 C
75 C
25 C
40
50
FIG 6. Input Voltage versus Output Current
VO = 0.2 V
5/9
Rev.A 29-Dec-05
TYPICAL ELECTRICAL CHARACTERISTICS – MUN5211DW


Similar Part No. - MUN5232DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5232DW WEITRON-MUN5232DW Datasheet
243Kb / 6P
   Surface Mount Dual Bias Resistor Transistor NPN Silicon
logo
Yea Shin Technology Co....
MUN5232DW YEASHIN-MUN5232DW Datasheet
994Kb / 10P
   Dual Bias ResistorTransistors
logo
AiT Semiconductor Inc.
MUN5232DW AITSEMI-MUN5232DW Datasheet
1Mb / 12P
   BIAS RESISTOR TRANSISTOR DUAL NPN WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
ON Semiconductor
MUN5232DW1 ONSEMI-MUN5232DW1 Datasheet
155Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
logo
Motorola, Inc
MUN5232DW1T1 MOTOROLA-MUN5232DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
More results

Similar Description - MUN5232DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5211DW WEITRON-MUN5211DW Datasheet
243Kb / 6P
   Surface Mount Dual Bias Resistor Transistor NPN Silicon
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTA144TT1 ONSEMI-DTA144TT1 Datasheet
124Kb / 3P
   Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
August, 2006 ??Rev. 3
logo
Shanghai Leiditech Elec...
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMBT3906DW1T1 LRC-LMBT3906DW1T1 Datasheet
188Kb / 6P
   Dual Bias Resistor Transistor
LMBT3906DW1T1G LRC-LMBT3906DW1T1G Datasheet
423Kb / 8P
   Dual Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com