Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APXS002A0X Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # APXS002A0X
Description  12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APXS002A0X Datasheet(HTML) 4 Page - Lineage Power Corporation

  APXS002A0X Datasheet HTML 1Page - Lineage Power Corporation APXS002A0X Datasheet HTML 2Page - Lineage Power Corporation APXS002A0X Datasheet HTML 3Page - Lineage Power Corporation APXS002A0X Datasheet HTML 4Page - Lineage Power Corporation APXS002A0X Datasheet HTML 5Page - Lineage Power Corporation APXS002A0X Datasheet HTML 6Page - Lineage Power Corporation APXS002A0X Datasheet HTML 7Page - Lineage Power Corporation APXS002A0X Datasheet HTML 8Page - Lineage Power Corporation APXS002A0X Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
January 6, 2011
12V Pico TLynxTM 2A: Non-isolated DC-DC Power Modules
3 – 14Vdc input; 0.6Vdc to 5.5Vdc output; 2A output current
LINEAGE POWER
4
General Specifications
Parameter
Device
Min
Typ
Max
Unit
Calculated MTBF (IO=0.8IO, max, TA=40°C) Telecordia Issue 2
Method 1 Case 3
APXS
26,121,938
Hours
Weight
0.9(0.0317)
g (oz.)
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to GND)
Device Code with no suffix – Negative Logic (See Ordering
Information)
(On/OFF pin is open collector/drain logic input with
external pull-up resistor; signal referenced to GND)
Logic High (Module OFF)
Input High Current
All
IIH
1
mA
Input High Voltage
All
VIH
3
VIN, max
Vdc
Logic Low (Module ON)
Input low Current
All
IIL
10
μA
Input Low Voltage
All
VIL
-0.2
0.3
Vdc
Turn-On Delay and Rise Times
(VIN=VIN, nom, IO=IO, max , VO to within ±1% of steady state)
Case 1: On/Off input is enabled and then input power is
applied (delay from instant at which VIN = VIN, min until Vo =
10% of Vo, set)
All
Tdelay
5
msec
Case 2: Input power is applied for at least one second and
then the On/Off input is enabled (delay from instant at
which Von/Off is enabled until Vo = 10% of Vo, set)
All
Tdelay
5.2
msec
Output voltage Rise time (time for Vo to rise from
10% of Vo, set to 90% of Vo, set)
All
Trise
1.4
msec
Output voltage overshoot (TA = 25
oC
3.0
% VO, set
VIN= VIN, min to VIN, max,IO = IO, min to IO, max)
With or without maximum external capacitance
Over Temperature Protection
All
Tref
140
°C
(See Thermal Considerations section)


Similar Part No. - APXS002A0X

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
APXS002A0X-SRDZ GE-APXS002A0X-SRDZ Datasheet
851Kb / 24P
   2A PicoTLynxTM: Non-Isolated DC-DC Power Modules 3Vdc ??4Vdc input; 0.6Vdc to 5.5Vdc output; 2A Output Current
APXS002A0X-SRZ GE-APXS002A0X-SRZ Datasheet
851Kb / 24P
   2A PicoTLynxTM: Non-Isolated DC-DC Power Modules 3Vdc ??4Vdc input; 0.6Vdc to 5.5Vdc output; 2A Output Current
More results

Similar Description - APXS002A0X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS030A0X LINEAGEPOWER-APTS030A0X Datasheet
763Kb / 23P
   12V Mega TLynxTM : Non-Isolated DC-DC Power Modules
APTS012A0X LINEAGEPOWER-APTS012A0X_10 Datasheet
1Mb / 26P
   12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXK004A0X-SRZ LINEAGEPOWER-APXK004A0X-SRZ_10 Datasheet
660Kb / 25P
   16V Pico TLynxTM 4A: Non-Isolated DC-DC Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com