Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM17 Datasheet(PDF) 1 Page - Weitron Technology

Part # SM17
Description  Surface Mount Schottky Power Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SM17 Datasheet(HTML) 1 Page - Weitron Technology

  SM17 Datasheet HTML 1Page - Weitron Technology SM17 Datasheet HTML 2Page - Weitron Technology SM17 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.weitron.com.tw
WEITRON
SM17 thru SM19
SMA(DO-214AC)
SMA Outline Dimension
Unit:mm
SMA
Dim
Min
Max
A
B
C
D
E
G
H
J
2.20
4.00
1.27
0.15
4.48
0.10
0.76
1.70
2.92
4.60
1.63
0.31
5.59
0.20
1.52
2.62
A
B
C
D
J
G
H
E
SCHOTTKY BARRIER
RECTIFIERS
1.0 AMPERES
20-40 VOLTS
*Low Forward Voltage
*Low Switching Noise
*High Surge Capacity
*Guarantee Reverse Avalance
*Gurad-ing for Stress Protection
*Low Power Loss & High Efficiency
*125 C Operating Junction Temperature
Product Description:
Feature:
Surface Mount Schottky Power Rectifiers
*Low Stored Charge Majority Carrier Conduction
*Case: Epoxy, Molded
Using the Schottky Barrier principle with a Molybdenum barrier metal.
These state-of-are geometry features epitaxial construction with oxide
passivation and metal overlay contact. Ideally suited for low voltage,
high frequency rectification, or as free wheeling and polarity protection
diodes, in surface mount applications where compact size and weight
are critical to the system.
Lead(Pb)-Free
P b
1/3
Rev.A 23-Apr-08


Similar Part No. - SM17

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SM17 MOSPEC-SM17 Datasheet
230Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-40V)
logo
Weitron Technology
SM17 WEITRON-SM17 Datasheet
145Kb / 3P
   Surface Mount Schottky Power Rectifiers
logo
Shanghai Leiditech Elec...
SM17 LEIDITECH-SM17 Datasheet
281Kb / 3P
   TVS Diode Array
logo
MIC GROUP RECTIFIERS
SM170 MIC-SM170 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SM170220 ETC2-SM170220 Datasheet
74Kb / 2P
   Current and Voltage Controls 3-Phase Voltage Sequence Control
More results

Similar Description - SM17

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SM17 WEITRON-SM17 Datasheet
145Kb / 3P
   Surface Mount Schottky Power Rectifiers
logo
Diotec Semiconductor
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SM5817 DIOTEC-SM5817 Datasheet
169Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Guangdong Juxing Electr...
SS52_DO-214AB JUXING-SS52_DO-214AB Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
SS22F JUXING-SS22F Datasheet
653Kb / 3P
   Surface Mount Schottky Rectifiers
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Luguang Electr...
LGL341-20 LUGUANG-LGL341-20 Datasheet
420Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS52F YIXIN-SS52F Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com