Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR550 Datasheet(PDF) 1 Page - Weitron Technology

Part # SR550
Description  Axial Lead Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SR550 Datasheet(HTML) 1 Page - Weitron Technology

  SR550 Datasheet HTML 1Page - Weitron Technology SR550 Datasheet HTML 2Page - Weitron Technology SR550 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SR520 thru SR5100
MECHANICAL DATA:
DO-201AD Outline Dimensions
DO-201AD
FEATURES:
Axial Lead Schottky Barrier Rectifiers
* Low forward voltage drop
* High current capability, low forward voltage drop.
* High surge capability.
* Ultra high-speed switching.
* Silicon epitaxial planar chip, metal silicon junction.
* Lead-free parts meet environmental standards of
MIL-STD-19500 /228
* Case: Molded plastic
* Epoxy: UL 94V-0 rat
retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams
Unit:mm
WEITRON
http://www.weitron.com.tw
Lead(Pb)-Free
P b
25.40
7.30
9.50
1.20
1.30
4.80
5.60
DO-201AD
1/3
05-Mar-09
REVERSE VOLTAGE
20 TO 100 VOLTS
FORWARD CURRENT
5.0 AMPERE


Similar Part No. - SR550

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SR550 YANGJIE-SR550 Datasheet
193Kb / 2P
   Schottky Rectifier
logo
Won-Top Electronics
SR550 WTE-SR550 Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SR550 JINANJINGHENG-SR550 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
ASEMI TECHNOLOGY., LTD
SR550 ASEMI-SR550 Datasheet
62Kb / 2P
   axial ultra-fast recovery diode
2018.11 Rev.3.1
logo
SUNMATE electronic Co.,...
SR550 SUNMATE-SR550 Datasheet
178Kb / 2P
   5.0A Axial Leaded Schottky Barrier Diode
More results

Similar Description - SR550

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SR220 WEITRON-SR220 Datasheet
231Kb / 3P
   Axial Lead Schottky Barrier Rectifiers
logo
SiPower Inc.
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
   Axial Lead Schottky Rectifiers
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
   Axial Lead Schottky Rectifiers
logo
SiPower Inc.
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
   Axial Lead Schottky Rectifiers
logo
Weitron Technology
1N5817 WEITRON-1N5817 Datasheet
346Kb / 3P
   Axial Lead Schottky Power Rectifiers
1N5820 WEITRON-1N5820 Datasheet
277Kb / 3P
   Axial Lead Schottky Power Rectifiers
logo
Shanghai Leiditech Elec...
SR520 LEIDITECH-SR520 Datasheet
779Kb / 2P
   Axial Series Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifiers
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
   5.0A Axial Leaded Schottky Barrier Rectifiers
31DQ05 SUNMATE-31DQ05 Datasheet
1Mb / 3P
   3.0A Axial Leaded Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com