Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US3A Datasheet(PDF) 3 Page - Weitron Technology

Part # US3A
Description  Surface Mount Ultra Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

US3A Datasheet(HTML) 3 Page - Weitron Technology

  US3A Datasheet HTML 1Page - Weitron Technology US3A Datasheet HTML 2Page - Weitron Technology US3A Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 5-TYPICAL JUNCTION CAPACITANCE
3/3
21-Jun-10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE(℃)
0
20
40
60
80
100
100
10
1
NUMBER OF CYCLES AT 60Hz
0.001
0.010
0.100
1.000
10.000
100.000
20%
40%
60%
80%
100%
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
25℃
125℃
0.01
0.10
1.00
10.00
100.00
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
FORWARD VOLTAGE (V)
US3A~US3D
US3G
US3J~US3M
0
20
40
60
80
100
120
140
160
0
1
10
100
REVERSE VOLTAGE (V)
US3A~US3G
US3J~US3M
US3A Thru US3M
WEITRON
http://www.weitron.con.tw
FIG. 4-TYPICAL REVERSE CHARACTERISTICS


Similar Part No. - US3A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US3A SSE-US3A Datasheet
17Kb / 1P
   SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Nanjing International G...
US3A DGNJDZ-US3A Datasheet
106Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
US3A FORMOSA-US3A Datasheet
118Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shanghai Leiditech Elec...
US3A LEIDITECH-US3A Datasheet
263Kb / 3P
   High Efficiency Recovery rectifiers
logo
Jinan Jing Heng Electro...
US3A JINGHENG-US3A Datasheet
54Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - US3A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
US05AM WEITRON-US05AM Datasheet
80Kb / 3P
   Surface Mount Ultra Fast Recovery Rectifiers
HM301 WEITRON-HM301 Datasheet
79Kb / 3P
   Surface Mount Ultra Fast Recovery Rectifiers
US05AM WEITRON-US05AM_09 Datasheet
651Kb / 3P
   Surface Mount Ultra Fast Recovery Rectifiers
HFM101M WEITRON-HFM101M Datasheet
82Kb / 3P
   Surface Mount Ultra Fast Recovery Rectifiers
logo
Central Semiconductor C...
CUD10-02 CENTRAL-CUD10-02_15 Datasheet
499Kb / 2P
   SURFACE MOUNT SILICON ULTRA FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
US1A-LFR FRONTIER-US1A-LFR Datasheet
132Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
US1A FRONTIER-US1A Datasheet
131Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
logo
Central Semiconductor C...
CMR3U-01 CENTRAL-CMR3U-01_15 Datasheet
339Kb / 2P
   SURFACE MOUNT SILICON ULTRA FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
HFM101M FRONTIER-HFM101M Datasheet
129Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A Datasheet
47Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com