Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US3K Datasheet(PDF) 1 Page - Weitron Technology

Part # US3K
Description  Surface Mount Ultra Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

US3K Datasheet(HTML) 1 Page - Weitron Technology

  US3K Datasheet HTML 1Page - Weitron Technology US3K Datasheet HTML 2Page - Weitron Technology US3K Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
* Low prole package
* Ideal for automated placement
* Low reverse current
* Fast reverse recovery time
* Cases: DO-214AB(SMC)
* Case Material: Molded Plastic. UL Flammability
* Classication Rating 94V-0
* Terminals: Lead free Plating (Tin Finish)
* Solderable per MIL-STD-202, Method 208
* Polarity: Cathode Band
* Weight: 0.231 grams (approximate)
REVERSE VOLTAGE
50 TO 1000 VOLTS
FORWARD CURRENT
3.0 AMPERE
http://www.weitron.com.tw
US3A thru US3M
Surface Mount Ultra Fast Recovery Rectifiers
Features:
WEITRON
Mechanical Data:
SMC(DO-214AB)
Unit:mm
SMC Outline Dimension
SMC
5.59
6.22
6.60
7.11
2.75
3.18
0.15
0.31
7.75
8.13
0.10
0.20
0.76
1.52
2.00
1/3
21-Jun-10
2.62
Dim
Min
Max
A
B
C
D
E
G
H
J
Lead(Pb)-Free
P b


Similar Part No. - US3K

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
US3K DGNJDZ-US3K Datasheet
154Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shanghai Sunrise Electr...
US3K SSE-US3K Datasheet
17Kb / 1P
   SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
SAMYANG ELECTRONICS CO....
US3K SAMYANG-US3K Datasheet
1Mb / 2P
   ULTRA FAST RECTIFIER
logo
Formosa MS
US3K FORMOSA-US3K Datasheet
118Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diotec Semiconductor
US3K DIOTEC-US3K Datasheet
143Kb / 2P
   Ultrafast Recovery SMD Rectifier Diodes
More results

Similar Description - US3K

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
US05AM WEITRON-US05AM Datasheet
80Kb / 3P
   Surface Mount Ultra Fast Recovery Rectifiers
HM301 WEITRON-HM301 Datasheet
79Kb / 3P
   Surface Mount Ultra Fast Recovery Rectifiers
US05AM WEITRON-US05AM_09 Datasheet
651Kb / 3P
   Surface Mount Ultra Fast Recovery Rectifiers
HFM101M WEITRON-HFM101M Datasheet
82Kb / 3P
   Surface Mount Ultra Fast Recovery Rectifiers
logo
Central Semiconductor C...
CUD10-02 CENTRAL-CUD10-02_15 Datasheet
499Kb / 2P
   SURFACE MOUNT SILICON ULTRA FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
US1A-LFR FRONTIER-US1A-LFR Datasheet
132Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
US1A FRONTIER-US1A Datasheet
131Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
logo
Central Semiconductor C...
CMR3U-01 CENTRAL-CMR3U-01_15 Datasheet
339Kb / 2P
   SURFACE MOUNT SILICON ULTRA FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
HFM101M FRONTIER-HFM101M Datasheet
129Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A Datasheet
47Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com