Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74760 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC74760
Description  On-Screen Display IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74760 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC74760 Datasheet HTML 2Page - Sanyo Semicon Device LC74760 Datasheet HTML 3Page - Sanyo Semicon Device LC74760 Datasheet HTML 4Page - Sanyo Semicon Device LC74760 Datasheet HTML 5Page - Sanyo Semicon Device LC74760 Datasheet HTML 6Page - Sanyo Semicon Device LC74760 Datasheet HTML 7Page - Sanyo Semicon Device LC74760 Datasheet HTML 8Page - Sanyo Semicon Device LC74760 Datasheet HTML 9Page - Sanyo Semicon Device LC74760 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Display Control Commands
Display control commands are input in an 8-bit serial format. Commands consist of a command identification code in the
first byte and data in the second and following bytes. The following commands are supported.
1
COMMAND0: Display memory (VRAM) write address setting command
2
COMMAND1: Display character data write command
3
COMMAND2: Vertical display start position and character size (lines 1 and 2) setting command
4
COMMAND3: Horizontal display start position and character size (lines 9 and 11) setting command
5
COMMAND4: Display control setting command 1
6
COMMAND5: Display control setting command 2
7
COMMAND6: Display control setting command 3
8
COMMAND7: Display control setting command 4
Display Control Command Table
First byte
Second byte
Command
Command identification code
Data
Data
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
COMMAND0
1
0
0
0
V3
V2
V1
V0
0
0
0
H4
H3
H2
H1
H0
Write address
COMMAND1
1
0
0
1
0
0
at2
at1
0
c6
c5
c4
c3
c2
c1
c0
Character write
COMMAND2
1
0
1
0
SZ
SZ
SZ
SZ
0
0
VP
VP
VP
VP
VP
VP
Vertical display start position
21
20
11
10
5
4
3
2
1
0
COMMAND3
1
0
1
1
SZ
SZ
SZ
SZ
0
0
HP
HP
HP
HP
HP
HP
Horizontal display start position
B1
B0
91
90
5
4
3
2
1
0
COMMAND4
1
1
0
0
RST
RAM
OSC
RND
0
I/N
BLK
BLK
BK
ATS
0
DSP
Display control 1
1
0
1
COMMAND5
1
1
0
1
PH
PH
PH
I/E
0
TST
CHAL
BLK
RSL
RSL
0
0
Display control 2
2
1
0
1
0
COMMAND6
1
1
1
0
MOD
MOD
MOD
MOD
0
0
0
0
IOS
BCL
BCL
CB
Display control 3
3
2
1
0
1
0
COMMAND7
1
1
1
1
0
0
0
LINS
0
0
LIN
LIN
LIN
LIN
LIN
LIN
Display control 4
5
4
3
2
1
0
Once the command identification code in the first bite is written, it is stored internally until the first byte of the following
command is written. However, when the display character data write command (COMMAND1) is written, the system
becomes locked in display character data write mode, and the first byte cannot be overwritten.
When the CS pin is set high the command state is set to COMMAND0, i.e., display memory write address setting mode.
1
COMMAND0: Display Memory Write Address Setting Mode
First data byte
Register content
DA0 to DA7
Register name
State
Function
Note
7
1
6
0
The command 0 identification code:
5
0
sets the display memory write address.
4
0
3
V3
0
1
2
V2
0
1
Display memory line address (from 0 to B (hexadecimal))
1
V1
0
1
0
V0
0
1
No. 4453-6/14
LC74760, 74760M


Similar Part No. - LC74760

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761 Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74761M SANYO-LC74761M Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761M SANYO-LC74761M Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results

Similar Description - LC74760

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
   On Screen Display IC
logo
Sanyo Semicon Device
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
   On-Screen Display Controller IC
logo
New Japan Radio
NJM2252 NJRC-NJM2252 Datasheet
357Kb / 10P
   ON SCREEN DISPLAY MIX IC
logo
Sanyo Semicon Device
LC74799 SANYO-LC74799 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
   On-Screen Display Controller IC
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com