Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT431RB Datasheet(PDF) 3 Page - Weitron Technology

Part # WT431RB
Description  PROGRAMMABLE PRECISION REFERENCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT431RB Datasheet(HTML) 3 Page - Weitron Technology

  WT431RB Datasheet HTML 1Page - Weitron Technology WT431RB Datasheet HTML 2Page - Weitron Technology WT431RB Datasheet HTML 3Page - Weitron Technology WT431RB Datasheet HTML 4Page - Weitron Technology WT431RB Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.weitron.com.tw
WEITRON
WT431LT1
3/5
03-Nov-06
Cathode Voltage
VKA
36
V
Cathode Voltage
VKA
VREF
36
V
Cathode Current
IKA
1
100
-
-
mA
Reference Input Voltage
Vref
VKA=VREF, IKA=10mA
V
-
2.50
-
Reference Input Current
Iref
IKA=10mA, R1=10kΩ
A
µ
4
1.5
-
Minimum Cathode current for Regulation
IKA(min)
VKA=VREF
A
m
1.0
0.45
-
Off-State Cathode current
IKA(OFF)
VKA=36V, VREF=0
A
µ
1.0
0.05
-
Dynamic Impedance
ZKA
VKA=VREF=0, IKA=1 to 100mA
0.5
0.15
-
Ω
Deviation of reference Input Voltage
Over temperature
Δ
Vref /ΔT
IKA=10mA
-2.7
-1.0
-2.0
-0.5
-
mV/V
Ratio of Change in Reference Input
Voltage to the change in Cathode Voltage
Δ
Vref /ΔVKA
VKA=VREF, IKA=10mA
TMIN<=TA<=TMAX
17
4.5
-
mV
Deviation of reference Input Current
Over Full temperature range
Δ
I
ref /ΔT
IKA=10mA, R1=10kΩ
TA=full temperature
A
µ
1.2
0.4
-
PARAMETER
ABSOLUTE MAXIMUM RATINGS(Operating temperature range applies unless otherwise specified)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS(TA=25˚C unless otherwise specified)
CLASSIFICATION OF Vref AND & MARKING
SYMBOL
VALUE
UNIT
PARAMETER
SYMBOL
Min
Typ
Max
UNIT
PARAMETER
SYMBOL
TEST CONDITIONS
Min
Typ
Max
UNIT
Cathode Current Range(Continuous)
IKA
-100 ~ +150
mA
Reference Input Current Range
Iref
-0.05 ~ +10
mA
Storage Temperature
Tstg
-65 ~ +150
°C
Operating Ambient Temperature
Topr
0~70
°C
Operating Junction Temperature
Tj
150
°C
Δ
VKA=10V~VREF
Δ
VKA=36V~10V
<=
WT431RA
0.5%
2.487~2.512
RA
WT431RB
1%
2.475~2.525
RB
WT431LA
0.5%
2.487~2.512
LA
WT431LB
1%
2.475~2.525
LB
PARAMETER
Rank
Range(V)
Marking


Similar Part No. - WT431RB

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT431 WEITRON-WT431 Datasheet
587Kb / 2P
   Adjustable Accurate Reference Source
WT431A WEITRON-WT431A Datasheet
587Kb / 2P
   Adjustable Accurate Reference Source
WT431B WEITRON-WT431B Datasheet
587Kb / 2P
   Adjustable Accurate Reference Source
More results

Similar Description - WT431RB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com