Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR3010K1TZ0-1A Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # CAR3010K1TZ0-1A
Description  3000 Watt 24 / 48V Rectifier Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR3010K1TZ0-1A Datasheet(HTML) 1 Page - Lineage Power Corporation

  CAR3010K1TZ0-1A Datasheet HTML 1Page - Lineage Power Corporation CAR3010K1TZ0-1A Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
www.lineagepower.com/oem
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
CAR3000T Series
3000 Watt 24 / 48V Rectifier Power Supply
rev 100506
Hot-swap N+1 Redundancy
Single phase or Three phase Input
Power Factor Correction
Over Voltage, Over Current and Thermal Protection
Visual LED Indicators
19” 3U High / 3-Bay Power Shelf
International Safety Approvals
KEY MARKET SEGMENTS & APPLICATIONS
Distributed Power
Blade Servers
Mid-end servers
Network Equipment
Network Storage
Test Equipment
Storage Area Networks
FEATURES
BENEFITS
No minimum load requirements
Eliminates the need for preload on system backplace
Modular design
Easy insertion and extraction during hot swap
Single phase or three phase inputs
One stop shopping, breadth of line
Constant current characteristics
Ideal for Network Bus Applications
SPECIFICATIONS
CAR3010K1T
CAR3010L1TN
CAR3030K1T
CAR3030L1TN
Input Voltage Range
Single Phase Input / 180-264 VAC / 47-63 Hz
Three Phase Input / 180-264 VAC / 47-63 Hz
Input Current
19Amax
11A per phase max.
Inrush Current
50Amax
50A max (per phase)
Input Fuse
Single Fuse 25A 3AG
Single Fuse per Phase 15A 3AG
Power Factor
0.99
0.95
Efficiency
90% Typical @ 230 VAC
90% Typical @ 230 VAC
Output Voltage & Current
+27 VDC @ 111A
-54 VDC @ 55.5A
+27 VDC @ 111A
-54 VDC @ 55.5A
Adjust Range (Trim Pot)
+20~29 V
-40 ~ -58V
+20~29 V
-40 ~ -58V
Over Voltage Protection
+29.5~30.5 VDC
-58.5~59.5 VDC
+29.5~30.5 VDC
-58.5~59.5 VDC
OVP Protection Type
Recycle AC Input to Reset
Standby Voltage
5VSB @ 500mA
Line Regulation
0.5% using remote sense (5% on Stand-by Voltage)
Load Regulation
0.5% using remote sense (5% on Stand-by Voltage)
Output Ripple & Noise
<1% (pk-pk)
Transient Response
3% max deviation 0.50ms recovery time for a 25% load change
Start-up Time
2 seconds
Hold-up Time
>20ms at low line
Overshoot / Undershoot
1% at turn ON/OFF
Temperature Coefficient
0.02% per °C
Remote ON/OFF
Logic 1 (TTL High) or open enables unit (ON), Logic 0 (TTL Low) or short shuts unit down (OFF)
Power Fail Signal
Signal goes low (TTL Low) 2ms before loss output regulation
Over Current Protection
110-140% V1, 5VSB < 2.5A. Automatic recovery.
Over Temperature Protection
Automatic shutdown with auto recovery. Thermal shutdown point @ 95°C
MTBF
300,000 hrs per Bellcore standard
Output Power Good
TTL High = Power Good, TTL Low = Output out of limits
LED Indicators
DC Good: Green LED; Temperature OK: Green LED and AC Good: Amber LED
Operating Temperature
0°C to 50°C at rated output power. Supply derates linearly from 50°C to 65°C at 2.2% per °C
Cooling
Self contained ball bearing fan
EMI/EMC
Meets EN61000-3-2, -3 CISPR22 and FCC Part 15 Class A, Bellcore GR-1089-CORE
Dimensions
12.12 x 5.00 x 5.00” / 333.2 x 127 x 127mm (handle extends additional 1.00” / 25.4mm from faceplate)
Weight
11.5 pounds / 5.23 kg
Safety Approvals
UL1950, CSA 22.2 No. 650, TUV EN0950 & CE Mark


Similar Part No. - CAR3010K1TZ0-1A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR3010K1TZ0-1A LINEAGEPOWER-CAR3010K1TZ0-1A Datasheet
1,009Kb / 2P
   3000 Watt 24 / 48V Front End
More results

Similar Description - CAR3010K1TZ0-1A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR4000T LINEAGEPOWER-CAR4000T Datasheet
976Kb / 2P
   4000 Watt 24 / 48V Rectifier Power Supply
CAR3000 LINEAGEPOWER-CAR3000 Datasheet
1,009Kb / 2P
   3000 Watt 24 / 48V Front End
CAR1248TN LINEAGEPOWER-CAR1248TN Datasheet
935Kb / 2P
   1200 Watt 48V Rectifier Power Supply
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
CAR4000 LINEAGEPOWER-CAR4000 Datasheet
966Kb / 2P
   4000 Watt 24 / 48V Front End
logo
Shanghai Leiditech Elec...
3KP6.5A LEIDITECH-3KP6.5A Datasheet
344Kb / 3P
   3000 Watt Peak Power
3KP10A LEIDITECH-3KP10A Datasheet
344Kb / 3P
   3000 Watt Peak Power
3KP6.0A LEIDITECH-3KP6.0A Datasheet
344Kb / 3P
   3000 Watt Peak Power
3KP5.0A LEIDITECH-3KP5.0A Datasheet
344Kb / 3P
   3000 Watt Peak Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com