Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2000DC54 Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # CP2000DC54
Description  Compact Power Line Input: -40 to -72 Vdc; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CP2000DC54 Datasheet(HTML) 7 Page - Lineage Power Corporation

  CP2000DC54 Datasheet HTML 1Page - Lineage Power Corporation CP2000DC54 Datasheet HTML 2Page - Lineage Power Corporation CP2000DC54 Datasheet HTML 3Page - Lineage Power Corporation CP2000DC54 Datasheet HTML 4Page - Lineage Power Corporation CP2000DC54 Datasheet HTML 5Page - Lineage Power Corporation CP2000DC54 Datasheet HTML 6Page - Lineage Power Corporation CP2000DC54 Datasheet HTML 7Page - Lineage Power Corporation CP2000DC54 Datasheet HTML 8Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet
Compact Power Line
CP2000DC54-PE DC/DC Converter
Lineage Power
7
Signal Definitions
All hardware alarm signals (Fault, Power_OK, I_Limit, OTW) are open drain FETs. These signals should
be pulled HI to either 3.3V or 5V. Maximum sink current 5mA. An active LO signal (< 0.4Vdc) state is
referenced to Logic GRD unless otherwise stated. Contact your Lineage Power representative for more
details.
Function
Label
Type
Description
Output Enable
Enable
Input
If shorted to LOGIC_GRD, the PEM output is enabled
when using I
2C mode of operation. May also be toggled to
reset a latched OFF PEM.
Output Good
Power_OK
Output
An open drain FET; normally HI, indicating output power is
present. Changes to LO when the main output is OFF,
Current Limit
I_Limit
Output
An open drain FET; normally HI, indicating normal
operation. Changes to LO when in current limit,
I
2C Interrupt
Alert#_0
Alert#_1
Output
Interrupt signal via I
2C lines indicating that service is
requested from the host controller. This signal pin is pulled
up to 3.3V via a 10kΩ resistor and switches to active LO
when an interrupt occurs.
PEM Fault
Fault
Output
Indicates that an internal fault exists. An open drain FET;
normally HI, changes to LO.
Module Present
MOD_PRES
Output
Used to Indicate presence of PEM.
ON/OFF
ON/OFF
Input
Short pin, connects last and breaks first; used to activate
and deactivate output during hot-insertion and extraction,
respectively. Ref: V_OUT (-DC)
Margining
Margin
Input
Allows changing of output voltage through an analog
voltage input or via resistor divider.
Over-Temperature Warning
OTW
Output
An open drain FET; normally HI, changes to LO
approximately 5°C prior to thermal shutdown.
PEM address
Unit_addr
Input
Voltage level addressing of PEMs within a single shelf.
Ref: V_OUT (-DC).
Shelf Address
Shelf_addr
Input
Voltage level addressing of PEMs within multiple shelves.
Ref: V_OUT (-DC).
Back bias
8V_INT
_
Diode OR’ed 8Vdc drain; used to back bias
microprocessors and DSP of failed PEM from operating
PEMs. Ref: V_OUT (-DC).
Mux Reset
Reset
Input
Resets the I
2C lines to I2C line 0.
Standby power
5VA
Output
5V at 0.75A provided for external use by either adjacent
power supplies or the using system.
Current Share
Ishare
-
A single wire interface between each of the power unit
forces them to share the load current. Ref: V_OUT (-DC).
I
2C Line 0
SCL_0, SDA_0 Input
I
2C line 0.
I
2C Line 1
SCL_1, SDA_1 Input
I
2C line 1.


Similar Part No. - CP2000DC54

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2000DC54PEZ LINEAGEPOWER-CP2000DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2000W; 5 Vdc @ 4W
More results

Similar Description - CP2000DC54

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2000AC54SD LINEAGEPOWER-CP2000AC54SD Datasheet
273Kb / 8P
   Compact Power Line Input: 200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000AC54PE LINEAGEPOWER-CP2000AC54PE Datasheet
267Kb / 8P
   Compact Power Line Input: 100-120/200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000DC54PEZ LINEAGEPOWER-CP2000DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2000W; 5 Vdc @ 4W
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
logo
Bel Fuse Inc.
TET2200-12-086XD BEL-TET2200-12-086XD Datasheet
1Mb / 27P
   Wide input voltage range: -40 to -72 VDC
logo
Lineage Power Corporati...
JBW030F LINEAGEPOWER-JBW030F Datasheet
298Kb / 16P
   36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
MDCFM-01A MPD-MDCFM-01A Datasheet
493Kb / 2P
   0 to 40 VDC Input
logo
WAGO Kontakttechnik Gmb...
787-1015-072-000 WAGO-787-1015-072-000 Datasheet
294Kb / 6P
   DC/DC Converter; Compact; 72 VDC input voltage; 12 VDC output voltage
787-1014-072-000 WAGO-787-1014-072-000 Datasheet
283Kb / 7P
   DC/DC Converter; Compact; 72 VDC input voltage; 24 VDC output voltage;
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com