Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL76683 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL76683
Description  Light-to-Digital Output Sensor with Gain Selection, Interrupt Function
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL76683 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL76683 Datasheet HTML 6Page - Intersil Corporation ISL76683 Datasheet HTML 7Page - Intersil Corporation ISL76683 Datasheet HTML 8Page - Intersil Corporation ISL76683 Datasheet HTML 9Page - Intersil Corporation ISL76683 Datasheet HTML 10Page - Intersil Corporation ISL76683 Datasheet HTML 11Page - Intersil Corporation ISL76683 Datasheet HTML 12Page - Intersil Corporation ISL76683 Datasheet HTML 13Page - Intersil Corporation ISL76683 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ISL76683
10
FN7697.1
January 31, 2011
2. Range/Gain; Bits 3 and 2. The Full Scale Range can be
adjusted by an external resistor REXT and/or it can be
adjusted via I2C using the Gain/Range function. Gain/Range
has four possible values, Range(k) where k is 1 through 4.
Table 9 lists the possible values of Range(k) and the resulting
FSR for some typical value REXT resistors.
3. Interrupt persist; Bits 1 and 0. The interrupt pin and the
interrupt flag is triggered/set when the data sensor reading is
out of the interrupt threshold window after m consecutive
number of integration cycles. The interrupt persist bits
determine m.
Interrupt Threshold HI Register 02(hex)
This register sets the HI threshold for the interrupt pin and the
interrupt flag. By default, the Interrupt threshold HI is FF(hex).
The 8-bit data written to the register represents the upper MSB of
a 16-bit value. The LSB is always 00(hex).
Interrupt Threshold LO Register 03(hex)
This register sets the LO threshold for the interrupt pin and the
interrupt flag. By default, the Interrupt threshold LO is 00(hex).
The 8-bit data written to the register represents the upper MSB of
a 16-bit value. The LSB is always 00(hex).
Sensor Data Register 04(hex) and 05(hex)
When the device is configured to output a 16-bit data, the least
significant byte is accessed at 04(hex), and the most significant
byte can be accessed at 05(hex). The sensor data register is
refreshed after every integration cycle.
Timer Data Register 06(hex) and 07(hex)
Note that the timer counter value is only available when using the
External Timing Mode. The 06(hex) and 07(hex) are the LSB and
MSB respectively of a 16-bit timer counter value corresponding to
the most recent sensor reading. Each clock cycle increments the
counter. At the end of each integration period, the value of this
counter is made available over the I2C. This value can be used to
eliminate noise introduced by slight timing errors caused by
imprecise external timing. Microcontrollers, for example, often
cannot provide high-accuracy command-to-command timing,
and the timer counter value can be used to eliminate the
resulting noise.
Calculating Lux
The ISL76683’s output codes, DATA, are directly proportional to lux.
The proportionality constant
α is determined by the Full Scale
Range, FSR, and the n-bit ADC, which is user defined in the
command register. The proportionality constant can also be
viewed as the resolution; The smallest lux measurement the
device can measure is
α.
Full Scale Range, FSR, is determined by the software
programmable Range/Gain, Range(k), in the command register
and an external scaling resistor REXT which is referenced to
100k
Ω.
The transfer function effectively for each timing mode becomes:
INTERNAL TIMING MODE
EXTERNAL TIMING MODE
n = 4, 8, 12, or 16. This is the number of clock cycles
programmed in the command register.
Range(k) is the user defined range in the Gain/Range bit in the
command register.
REXT is an external scaling resistor hardwired to the REXT pin.
DATA is the output sensor reading in number of counts available
at the data register.
2n represents the maximum number of counts possible in
Internal Timing Mode. For the External Timing Mode, the
maximum number of counts is stored in the data register named
COUNTER.
COUNTER is the number increments accrued for between
integration time for External Timing Mode.
TABLE 9. RANGE/GAIN TYPICAL FSR LUX RANGES
BITS
3:2
k
RANGE
(k)
FSR LUX
RANGE@
REXT = 100k
FSR LUX
RANGE@
REXT =50k
FSR LUX
RANGE@
REXT =500k
0:0
1
973
973
1946
195
0:1
2
3892
3892
7784
778
1:0
3 15,568
15,568
31,136
3114
1:1
4 62,272
62,272
124,544
12,454
TABLE 10. INTERRUPT PERSIST
BITS 1:0
NUMBER OF INTEGRATION CYCLES
0:0
1
0:1
4
1:0
8
1:1
16
TABLE 11. DATA REGISTERS
ADDRESS
(hex)
CONTENTS
04
Least-significant byte of most recent sensor reading.
05
Most-significant byte of most recent sensor reading.
06
Least-significant byte of timer counter value corresponding to
most recent sensor reading.
07
Most-significant byte of timer counter value corresponding to
most recent sensor reading.
E
α DATA
×
=
(EQ. 1)
α
FSR
2
n
-----------
=
(EQ. 2)
(EQ. 3)
FSR
Range k
() 100kΩ
REXT
-------------------
×
=
(EQ. 4)
E
Range k
() 100kΩ
REXT
-------------------
×
2
n
----------------------------------------------------
DATA
×
=
(EQ. 5)
E
Range k
() 100kΩ
REXT
-------------------
×
COUNTER
----------------------------------------------------
DATA
×
=


Similar Part No. - ISL76683

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76683 INTERSIL-ISL76683 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
ISL76683 RENESAS-ISL76683 Datasheet
950Kb / 11P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and
May 21, 2021
logo
Intersil Corporation
ISL76683 INTERSIL-ISL76683 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
More results

Similar Description - ISL76683

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683_V01 Datasheet
950Kb / 11P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and
May 21, 2021
logo
Intersil Corporation
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com