Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQR010A0X Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # NQR010A0X
Description  Non-Isolated DC-DC Power Modules 4.5Vdc ??4Vdc input; 0.59Vdc to 6Vdc Output;10A Output Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NQR010A0X Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button NQR010A0X Datasheet HTML 6Page - Lineage Power Corporation NQR010A0X Datasheet HTML 7Page - Lineage Power Corporation NQR010A0X Datasheet HTML 8Page - Lineage Power Corporation NQR010A0X Datasheet HTML 9Page - Lineage Power Corporation NQR010A0X Datasheet HTML 10Page - Lineage Power Corporation NQR010A0X Datasheet HTML 11Page - Lineage Power Corporation NQR010A0X Datasheet HTML 12Page - Lineage Power Corporation NQR010A0X Datasheet HTML 13Page - Lineage Power Corporation NQR010A0X Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet
January 14, 2011
NQR010A0X4: Non-Isolated DC-DC Power Modules
4.5 – 14Vdc input; 0.59Vdc to 6Vdc Output; 10A output current
LINEAGE POWER
10
Characteristic Curves (continued)
The following figures provide typical characteristics for the NQR010 module at 3.3Vout and at 25ºC.
70
75
80
85
90
95
100
02
46
8
10
Vin = 4.5V
Vin = 14V
Vin = 12V
3
4
5
6
7
8
9
10
11
25
35
45
55
65
75
85
2m/s
(400LFM)
NC
1.5m/s
(300LFM)
1m/s
(200LFM)
0.5m/s
(100LFM)
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 25. Converter Efficiency versus Output Current.
Figure 26. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (100
μs /div)
Figure 27. Typical output ripple and noise (VIN = 12V, Io
= Io,max).
Figure 28. Transient Response to Dynamic Load
Change from 0% to 50% to 0% with VIN=12V.
TIME, t (1ms/div)
TIME, t (1ms/div)
Figure 29. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 30. Typical Start-up Using Input Voltage (VIN =
12V, Io = Io,max).


Similar Description - NQR010A0X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR010A0X4Z LINEAGEPOWER-NSR010A0X4Z Datasheet
473Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 10A output current
logo
General Semiconductor
APXS002A0X-SRZ GE-APXS002A0X-SRZ Datasheet
851Kb / 24P
   2A PicoTLynxTM: Non-Isolated DC-DC Power Modules 3Vdc ??4Vdc input; 0.6Vdc to 5.5Vdc output; 2A Output Current
logo
Lineage Power Corporati...
NSR003A0X4Z LINEAGEPOWER-NSR003A0X4Z Datasheet
470Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 3A output current
NSR006A0X4Z LINEAGEPOWER-NSR006A0X4Z Datasheet
457Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 6A output current
NSR020A0X43Z LINEAGEPOWER-NSR020A0X43Z Datasheet
518Kb / 19P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 20A output current
APXW005A0X3-SRZ_1010 LINEAGEPOWER-APXW005A0X3-SRZ_1010 Datasheet
4Mb / 21P
   9-36V ProLynxTM 5A: Non-Isolated DC-DC Power Modules 9Vdc ??6Vdc input; 3Vdc to 18Vdc output; 5A to 2.5A Output Current
APTS050A0X3 LINEAGEPOWER-APTS050A0X3 Datasheet
637Kb / 21P
   GigaTLynxTM Non-isolated Power Modules: 4.5Vdc ??14Vdc input; 0.7Vdc to 2Vdc, 50A Output
logo
Bel Fuse Inc.
VRPC-10A BEL-VRPC-10A Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
V7PC-10C BEL-V7PC-10C Datasheet
332Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com