Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSR003A0X Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # NSR003A0X
Description  Naos Raptor 3A: Non-Isolated DC-DC Power Modules
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NSR003A0X Datasheet(HTML) 1 Page - Lineage Power Corporation

  NSR003A0X_10 Datasheet HTML 1Page - Lineage Power Corporation NSR003A0X_10 Datasheet HTML 2Page - Lineage Power Corporation NSR003A0X_10 Datasheet HTML 3Page - Lineage Power Corporation NSR003A0X_10 Datasheet HTML 4Page - Lineage Power Corporation NSR003A0X_10 Datasheet HTML 5Page - Lineage Power Corporation NSR003A0X_10 Datasheet HTML 6Page - Lineage Power Corporation NSR003A0X_10 Datasheet HTML 7Page - Lineage Power Corporation NSR003A0X_10 Datasheet HTML 8Page - Lineage Power Corporation NSR003A0X_10 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
December 6, 2010
Naos Raptor 3A: Non-Isolated DC-DC Power Modules
4.5Vdc –14Vdc input; 0.59Vdc to 6Vdc Output; 3A Output Current
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS06-124 ver. 1.11
PDF name: NSR003A0X_ds.pdf
Features
Compliant to RoHS EU Directive 2002/95/EC (Z
versions)
Compatible in a Pb-free or SnPb wave-soldering
environment (Z versions)
Wide Input voltage range (4.5Vdc-14Vdc)
Output voltage programmable from 0.59 Vdc to 6Vdc
via external resistor
Tunable Loop
TM to optimize dynamic output voltage
response
Fixed switching frequency
Output overcurrent protection (non-latching)
Over temperature protection
Remote On/Off
Cost efficient open frame design
Small size: 10.4 mm x 16.5 mm x 7.84 mm
(0.41 in x 0.65 in x 0.31 in)
Wide operating temperature range (-40°C to 85°C)
UL* 60950-1Recognized, CSA
C22.2 No. 60950-1-
03 Certified, and VDE
0805:2001-12 (EN60950-1)
Licensed
ISO** 9001 and ISO 14001 certified manufacturing
facilities
Applications
Distributed power architectures
Intermediate bus voltage applications
Telecommunications equipment
Servers and storage applications
Networking equipment
Industrial applications
Description
The Naos Raptor 3A SIP power modules are non-isolated dc-dc converters in an industry standard package that
can deliver up to 3A of output current with a full load efficiency of 93% at 3.3Vdc output voltage (VIN = 12Vdc).
These modules operate over a wide range of input voltage (VIN = 4.5Vdc-14Vdc) and provide a precisely regulated
output voltage from 0.59Vdc to 6Vdc, programmable via an external resistor. Features include remote On/Off,
adjustable output voltage, over current and over voltage protection. A new feature, the Tunable Loop
TM, allows the
user to optimize the dynamic response of the converter to match the load.
RoHS Compliant


Similar Part No. - NSR003A0X_10

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR003A0X4-49Z LINEAGEPOWER-NSR003A0X4-49Z Datasheet
470Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 3A output current
NSR003A0X4Z LINEAGEPOWER-NSR003A0X4Z Datasheet
470Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 3A output current
More results

Similar Description - NSR003A0X_10

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR010A0X LINEAGEPOWER-NSR010A0X_10 Datasheet
484Kb / 20P
   Naos Raptor 10A: Non-Isolated DC-DC Power Modules
NSR006A0X LINEAGEPOWER-NSR006A0X_10 Datasheet
468Kb / 20P
   Naos Raptor 6A: Non-Isolated DC-DC Power Modules
NSR040A0X LINEAGEPOWER-NSR040A0X_11 Datasheet
497Kb / 18P
   Naos Raptor 40A Non-Isolated Power Modules
NSR050A0X432Z LINEAGEPOWER-NSR050A0X432Z Datasheet
464Kb / 15P
   Naos Raptor 50A: Non-Isolated Power Modules
NSR060A0X LINEAGEPOWER-NSR060A0X_10 Datasheet
771Kb / 18P
   Naos Raptor 60A: Non-Isolated Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTS003A0X-SRZ LINEAGEPOWER-APTS003A0X-SRZ Datasheet
627Kb / 25P
   12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com