Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSR010A0X Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # NSR010A0X
Description  Naos Raptor 10A: Non-Isolated DC-DC Power Modules
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NSR010A0X Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button NSR010A0X_10 Datasheet HTML 6Page - Lineage Power Corporation NSR010A0X_10 Datasheet HTML 7Page - Lineage Power Corporation NSR010A0X_10 Datasheet HTML 8Page - Lineage Power Corporation NSR010A0X_10 Datasheet HTML 9Page - Lineage Power Corporation NSR010A0X_10 Datasheet HTML 10Page - Lineage Power Corporation NSR010A0X_10 Datasheet HTML 11Page - Lineage Power Corporation NSR010A0X_10 Datasheet HTML 12Page - Lineage Power Corporation NSR010A0X_10 Datasheet HTML 13Page - Lineage Power Corporation NSR010A0X_10 Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet
December 6, 2010
Naos Raptor 10A: Non-Isolated DC-DC Power Modules
4.5 – 14Vdc input; 0.59Vdc to 6Vdc Output; 10A output current
LINEAGE POWER
10
Characteristic Curves (continued)
The following figures provide typical characteristics for the Naos Raptor 10A module at 3.3Vout and at 25ºC.
70
75
80
85
90
95
100
024
68
10
Vin = 4.5V
Vin = 14V
Vin = 12V
3
4
5
6
7
8
9
10
11
25
35
45
55
65
75
85
2m/s
(400LFM)
NC
0.5m/s
(100LFM)
1.5m/s
(300LFM)
1m/s
(200LFM)
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 25. Converter Efficiency versus Output Current.
Figure 26. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (100
μs /div)
Figure 27. Typical output ripple and noise (VIN = 12V, Io
= Io,max).
Figure 28. Transient Response to Dynamic Load
Change from 0% to 50% to 0% with VIN=12V.
TIME, t (1ms/div)
TIME, t (1ms/div)
Figure 29. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 30. Typical Start-up Using Input Voltage (VIN =
12V, Io = Io,max).


Similar Part No. - NSR010A0X_10

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR010A0X4-49Z LINEAGEPOWER-NSR010A0X4-49Z Datasheet
473Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 10A output current
NSR010A0X4-51Z LINEAGEPOWER-NSR010A0X4-51Z Datasheet
473Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 10A output current
NSR010A0X4Z LINEAGEPOWER-NSR010A0X4Z Datasheet
473Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 10A output current
More results

Similar Description - NSR010A0X_10

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR003A0X LINEAGEPOWER-NSR003A0X_10 Datasheet
482Kb / 20P
   Naos Raptor 3A: Non-Isolated DC-DC Power Modules
NSR006A0X LINEAGEPOWER-NSR006A0X_10 Datasheet
468Kb / 20P
   Naos Raptor 6A: Non-Isolated DC-DC Power Modules
NSR040A0X LINEAGEPOWER-NSR040A0X_11 Datasheet
497Kb / 18P
   Naos Raptor 40A Non-Isolated Power Modules
NSR050A0X432Z LINEAGEPOWER-NSR050A0X432Z Datasheet
464Kb / 15P
   Naos Raptor 50A: Non-Isolated Power Modules
NSR060A0X LINEAGEPOWER-NSR060A0X_10 Datasheet
771Kb / 18P
   Naos Raptor 60A: Non-Isolated Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
Murata Manufacturing Co...
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com