Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSR006A0X4-49Z Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # NSR006A0X4-49Z
Description  Naos Raptor 6A: Non-Isolated DC-DC Power Modules
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NSR006A0X4-49Z Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button NSR006A0X4-49Z Datasheet HTML 2Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 3Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 4Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 5Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 6Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 7Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 8Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 9Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet
December 6, 2010
Naos Raptor 6A: Non-isolated DC-DC Power Modules
4.5 – 14Vdc input; 0.59Vdc to 6Vdc Output; 6A output current
LINEAGE POWER
6
Characteristic Curves (continued)
The following figures provide typical characteristics for the Naos Raptor 6A module at 1.2Vout and at 25ºC.
70
75
80
85
90
95
01
23
456
Vin = 4.5V
Vin = 12V
Vin = 14V
3
4
5
6
7
25
35
45
55
65
75
85
NC
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 7. Converter Efficiency versus Output Current.
Figure 8. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (100
μs /div)
Figure 9. Typical output ripple and noise (VIN = 12V, Io =
Io,max).
Figure 10. Transient Response to Dynamic Load
Change from 0% to 50% to 0% with VIN=12V.
TIME, t (1ms/div)
TIME, t (1ms/div)
Figure 11. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 12. Typical Start-up Using Input Voltage (VIN =
12V, Io = Io,max).


Similar Part No. - NSR006A0X4-49Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR006A0X4-49Z LINEAGEPOWER-NSR006A0X4-49Z Datasheet
457Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 6A output current
More results

Similar Description - NSR006A0X4-49Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR010A0X LINEAGEPOWER-NSR010A0X_10 Datasheet
484Kb / 20P
   Naos Raptor 10A: Non-Isolated DC-DC Power Modules
NSR003A0X LINEAGEPOWER-NSR003A0X_10 Datasheet
482Kb / 20P
   Naos Raptor 3A: Non-Isolated DC-DC Power Modules
NSR040A0X LINEAGEPOWER-NSR040A0X_11 Datasheet
497Kb / 18P
   Naos Raptor 40A Non-Isolated Power Modules
NSR050A0X432Z LINEAGEPOWER-NSR050A0X432Z Datasheet
464Kb / 15P
   Naos Raptor 50A: Non-Isolated Power Modules
NSR060A0X LINEAGEPOWER-NSR060A0X_10 Datasheet
771Kb / 18P
   Naos Raptor 60A: Non-Isolated Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXH006A0X-SRZ_0910 LINEAGEPOWER-APXH006A0X-SRZ_0910 Datasheet
555Kb / 23P
   Pico TLynx 6A: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
logo
Artesyn Technologies
SIL06 ARTESYN-SIL06 Datasheet
177Kb / 3P
   6A Non-isolated DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com