Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSR040A0X Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # NSR040A0X
Description  Naos Raptor 40A Non-Isolated Power Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NSR040A0X Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button NSR040A0X_11 Datasheet HTML 5Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 6Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 7Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 8Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 9Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 10Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 11Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 12Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
January 14, 2011
Naos Raptor 40A Non Isolated Power Module:
5 – 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
LINEAGE POWER
9
Characteristic Curves (continued)
The following figures provide thermal derating curves for Naos Raptor 40A modules at 3.3Vout and 25ºC.
70
75
80
85
90
95
100
010
20
30
40
Vin = 7V
Vin = 12V
Vin = 14V
10
15
20
25
30
35
40
45
25
30
35
40
45
50
55
60
65
70
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
1.5m/s
(300LFM)
2m/s
(400LFM)
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 25. Converter Efficiency versus Output Current.
Figure 26. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (40
μs /div)
Figure 27. Typical output ripple and noise (VIN = 12V, Io
= Io,max).
Figure 28. Transient Response to Dynamic Load
Change from 0% to 50% to 0% with VIN=12V.
TIME, t (1ms/div)
TIME, t (1ms/div)
Figure 29. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 30. Typical Start-up Using Input Voltage (VIN =
12V, Io = Io,max).


Similar Part No. - NSR040A0X_11

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR040A0X43Z LINEAGEPOWER-NSR040A0X43Z Datasheet
498Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
More results

Similar Description - NSR040A0X_11

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR050A0X432Z LINEAGEPOWER-NSR050A0X432Z Datasheet
464Kb / 15P
   Naos Raptor 50A: Non-Isolated Power Modules
NSR060A0X LINEAGEPOWER-NSR060A0X_10 Datasheet
771Kb / 18P
   Naos Raptor 60A: Non-Isolated Power Modules
NSR010A0X LINEAGEPOWER-NSR010A0X_10 Datasheet
484Kb / 20P
   Naos Raptor 10A: Non-Isolated DC-DC Power Modules
NSR003A0X LINEAGEPOWER-NSR003A0X_10 Datasheet
482Kb / 20P
   Naos Raptor 3A: Non-Isolated DC-DC Power Modules
NSR006A0X LINEAGEPOWER-NSR006A0X_10 Datasheet
468Kb / 20P
   Naos Raptor 6A: Non-Isolated DC-DC Power Modules
logo
List of Unclassifed Man...
MDT040A0X ETC2-MDT040A0X Datasheet
1Mb / 35P
   40A Digital Mega DLynxTM: Non-Isolated DC-DC Power Modules
logo
Lineage Power Corporati...
APTS050A0X LINEAGEPOWER-APTS050A0X Datasheet
610Kb / 20P
   GigaTLynxTM Non-isolated Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
NXA025A0X LINEAGEPOWER-NXA025A0X Datasheet
953Kb / 16P
   NaOSTM NXA025 SIP Non-isolated Power Modules
logo
Delta Electronics, Inc.
D12F200E DELTA-D12F200E Datasheet
695Kb / 13P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com