Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSR040A0X Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # NSR040A0X
Description  Naos Raptor 40A Non-Isolated Power Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NSR040A0X Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button NSR040A0X_11 Datasheet HTML 7Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 8Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 9Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 10Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 11Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 12Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 13Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 14Page - Lineage Power Corporation NSR040A0X_11 Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet
January 14, 2011
Naos Raptor 40A Non Isolated Power Module:
5 – 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
LINEAGE POWER
11
Test Configurations
TO OSCILLOSCOPE
CURRENT PROBE
LTEST
1μH
CS 1000μF
Electrolytic
E.S.R.<0.1
Ω
@ 20°C 100kHz
2x100μF
Tantalum
VIN(+)
COM
NOTE: Measure input reflected ripple current with a simulated
source inductance (LTEST) of 1μH. Capacitor CS offsets
possible battery impedance. Measure current as shown
above.
CIN
Figure 37. Input Reflected Ripple Current Test
Setup.
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
VO(+)
COM
1uF .
RESISTIVE
LOAD
SCOPE
COPPER STRIP
GROUND PLANE
10uF
Figure 38. Output Ripple and Noise Test Setup.
VO
COM
VIN(+)
COM
RLOAD
Rcontact
Rdistribution
Rcontact
Rdistribution
Rcontact
Rcontact
Rdistribution
Rdistribution
VIN
VO
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
Figure 39. Output Voltage and Efficiency Test
Setup.
η =
VO. IO
VIN. IIN
x 100 %
Efficiency
Design Considerations
Input Filtering
The Naos Raptor 40A module should be connected
to a low-impedance source. A highly inductive
source can affect the stability of the module. An
input capacitance must be placed directly adjacent
to the input pin of the module, to minimize input
ripple voltage and ensure module stability.
To minimize input voltage ripple, low-ESR ceramic
capacitors are recommended at the input of the
module. Figure 40 shows the input ripple voltage for
various output voltages at 40A of load current with
1x22 µF or 2x22 µF ceramic capacitors and an input
of 12V.
0
50
100
150
200
250
300
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1x22uF
2x22uF
Output Voltage (Vdc)
Figure 40. Input ripple voltage for various output
voltages with 1x22 µF or 2x22 µF ceramic
capacitors at the input (40A load). Input voltage is
12V.
Output Filtering
The Naos Raptor 40A modules are designed for low
output ripple voltage and will meet the maximum
output ripple specification with no external capacitors.
However, additional output filtering may be required
by the system designer for a number of reasons.
First, there may be a need to further reduce the
output ripple and noise of the module. Second, the
dynamic response characteristics may need to be
customized to a particular load step change.
To reduce the output ripple and improve the dynamic
response to a step load change, additional
capacitance at the output can be used. Low ESR
ceramic and polymer are recommended to improve
the dynamic response of the module. For stable
operation of the module, limit the capacitance to less
than the maximum output capacitance as specified in
the electrical specification table. Optimal
performance of the module can be achieved by using
the Tunable Loop
TM feature described later in this
data sheet.


Similar Part No. - NSR040A0X_11

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR040A0X43Z LINEAGEPOWER-NSR040A0X43Z Datasheet
498Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
More results

Similar Description - NSR040A0X_11

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR050A0X432Z LINEAGEPOWER-NSR050A0X432Z Datasheet
464Kb / 15P
   Naos Raptor 50A: Non-Isolated Power Modules
NSR060A0X LINEAGEPOWER-NSR060A0X_10 Datasheet
771Kb / 18P
   Naos Raptor 60A: Non-Isolated Power Modules
NSR010A0X LINEAGEPOWER-NSR010A0X_10 Datasheet
484Kb / 20P
   Naos Raptor 10A: Non-Isolated DC-DC Power Modules
NSR003A0X LINEAGEPOWER-NSR003A0X_10 Datasheet
482Kb / 20P
   Naos Raptor 3A: Non-Isolated DC-DC Power Modules
NSR006A0X LINEAGEPOWER-NSR006A0X_10 Datasheet
468Kb / 20P
   Naos Raptor 6A: Non-Isolated DC-DC Power Modules
logo
List of Unclassifed Man...
MDT040A0X ETC2-MDT040A0X Datasheet
1Mb / 35P
   40A Digital Mega DLynxTM: Non-Isolated DC-DC Power Modules
logo
Lineage Power Corporati...
APTS050A0X LINEAGEPOWER-APTS050A0X Datasheet
610Kb / 20P
   GigaTLynxTM Non-isolated Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
NXA025A0X LINEAGEPOWER-NXA025A0X Datasheet
953Kb / 16P
   NaOSTM NXA025 SIP Non-isolated Power Modules
logo
Delta Electronics, Inc.
D12F200E DELTA-D12F200E Datasheet
695Kb / 13P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com