Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J85480S1L13 Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # J85480S1L13
Description  Compact Power Line Shelves
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

J85480S1L13 Datasheet(HTML) 3 Page - Lineage Power Corporation

  J85480S1L13 Datasheet HTML 1Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 2Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 3Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 4Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 5Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 6Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 7Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 8Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
COMPACT POWER LINE SHELVES – MODEL J85480S1
AC Input Connections
Tie_rap secured AC cables for IEC-320 inputs
AMP Mate-N-Lok input connections
AMP Mate_N_Lok connector piece parts
AMP Mate-N-Lok input connector housing P/N 770018-1
Pin located in housing
DC Input Connection – L14 shelf
Lineage orderable part #: CC848794908
Includes 4 feet of un-terminated #10ga stranded wires on
one end and the AMP multi-beam connector on the other
end.
Housing: AMP 1600798-6 multi-beam XL
Contacts: AMP 1-1600960-8
Wire: 10 ga stranded – 30A rated capacity
Pins
Color
Signal
Unit
1 – 2
Black
-48V
1
3 – 4
Red
RTN
5 – 6
Black
-48V
2
7 – 8
Red
RTN
Plug rear
P/N 770034-1
Gauge
Part #
10
AMP 193796-1
12 – 14
AMP 193841-1
Plug Front
P/N 770033-1


Similar Part No. - J85480S1L13

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J850 CIT-J850 Datasheet
119Kb / 2P
   Monostable
J8502CS12VDC CIT-J8502CS12VDC Datasheet
183Kb / 2P
   CIT SWITCH
J8502CS12VDC CIT-J8502CS12VDC Datasheet
119Kb / 2P
   Monostable
J8502CS24VDC CIT-J8502CS24VDC Datasheet
183Kb / 2P
   CIT SWITCH
J8502CS24VDC CIT-J8502CS24VDC Datasheet
119Kb / 2P
   Monostable
More results

Similar Description - J85480S1L13

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFS2400 ARTESYN-AFS2400 Datasheet
246Kb / 3P
   Rack Mountable Power Shelves
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
   Rack Mountable Power Shelves
logo
Kendall Howard
1907-3-001-03 KENDALLHOWARD-1907-3-001-03 Datasheet
508Kb / 1P
   CENTERLINE SHELVES
LDRS1U12V KENDALLHOWARD-LDRS1U12V Datasheet
224Kb / 2P
   LIGHT DUTY RACK SHELVES
LDRS1U6V KENDALLHOWARD-LDRS1U6V Datasheet
156Kb / 2P
   LIGHT DUTY RACK SHELVES
logo
Lineage Power Corporati...
CP2725AC54Z LINEAGEPOWER-CP2725AC54Z Datasheet
278Kb / 8P
   Compact Power Line Front-End Power Supply
logo
Power-One
FNP1500 POWER-ONE-FNP1500_10 Datasheet
505Kb / 17P
   Front-Ends & FNR-3 Power Shelves Data Sheet
logo
Tyco Electronics
3ERK1 MACOM-3ERK1 Datasheet
205Kb / 3P
   High Performance Compact Power Line Filter
logo
Kendall Howard
1906-1-001-01 KENDALLHOWARD-1906-1-001-01 Datasheet
1Mb / 2P
   HEAVY DUTY COMPONENT SHELVES
3000-1-003-02 KENDALLHOWARD-3000-1-003-02 Datasheet
927Kb / 2P
   LIGHT DUTY COMPONENT SHELVES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com