Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J85480S1L14 Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # J85480S1L14
Description  Compact Power Line Shelves
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

J85480S1L14 Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button J85480S1L14 Datasheet HTML 2Page - Lineage Power Corporation J85480S1L14 Datasheet HTML 3Page - Lineage Power Corporation J85480S1L14 Datasheet HTML 4Page - Lineage Power Corporation J85480S1L14 Datasheet HTML 5Page - Lineage Power Corporation J85480S1L14 Datasheet HTML 6Page - Lineage Power Corporation J85480S1L14 Datasheet HTML 7Page - Lineage Power Corporation J85480S1L14 Datasheet HTML 8Page - Lineage Power Corporation J85480S1L14 Datasheet HTML 9Page - Lineage Power Corporation J85480S1L14 Datasheet HTML 10Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
COMPACT POWER LINE SHELVES – MODEL J85480S1
CP843A installs in slot 1 of a J85480S1 List 1 shelf.
Connections to the controller are made on the left side as
shown.
CP843A controller comes with wire set that plugs into J1
connector to enable the controller.
Specifications
Parameter
Min
Max
Notes
Input
AC Input Current, per module
15A
30A
IEC-320, C13 type
AMP Mate-N-Lok connectors
DC Input Current, per module
60A
Output
Programmable output set point
42Vdc
58Vdc
Minimum 44Vdc via hardware marginning
Max Output Current
J85480S1
200A
lugs for 2 ga wires, 2 pairs, 100Amax
Output Terminations
M6 threaded studs on 5/8-inch centers.
Environmental
Operating Temperature Range
-40°C to 55°C, except J85480 L6, L7, L14 may be used up to 75°C
Operating Relative Humidity
0 - 95% (non-condensing)
Storage Temperature Range
-40°C to 85°C
EMC
FCC, EN 55022, CISPR22, Level A, conducted and radiated
Immunity
FCC and CISPR22 (EN55022) Class A2
Safety/Standards Compliance
Safety Standards
UL1950, EN60950 (IEC950), CSA*234/950
Certification Marks
Lists 6,7,14: VDE,
UL Recognized (Canada and U.S.)
Lists 1,4,6,9: VDE,
UL Listed (Canada and U.S.)


Similar Part No. - J85480S1L14

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J850 CIT-J850 Datasheet
119Kb / 2P
   Monostable
J8502CS12VDC CIT-J8502CS12VDC Datasheet
183Kb / 2P
   CIT SWITCH
J8502CS12VDC CIT-J8502CS12VDC Datasheet
119Kb / 2P
   Monostable
J8502CS24VDC CIT-J8502CS24VDC Datasheet
183Kb / 2P
   CIT SWITCH
J8502CS24VDC CIT-J8502CS24VDC Datasheet
119Kb / 2P
   Monostable
More results

Similar Description - J85480S1L14

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFS2400 ARTESYN-AFS2400 Datasheet
246Kb / 3P
   Rack Mountable Power Shelves
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
   Rack Mountable Power Shelves
logo
Kendall Howard
1907-3-001-03 KENDALLHOWARD-1907-3-001-03 Datasheet
508Kb / 1P
   CENTERLINE SHELVES
LDRS1U12V KENDALLHOWARD-LDRS1U12V Datasheet
224Kb / 2P
   LIGHT DUTY RACK SHELVES
LDRS1U6V KENDALLHOWARD-LDRS1U6V Datasheet
156Kb / 2P
   LIGHT DUTY RACK SHELVES
logo
Lineage Power Corporati...
CP2725AC54Z LINEAGEPOWER-CP2725AC54Z Datasheet
278Kb / 8P
   Compact Power Line Front-End Power Supply
logo
Power-One
FNP1500 POWER-ONE-FNP1500_10 Datasheet
505Kb / 17P
   Front-Ends & FNR-3 Power Shelves Data Sheet
logo
Tyco Electronics
3ERK1 MACOM-3ERK1 Datasheet
205Kb / 3P
   High Performance Compact Power Line Filter
logo
Kendall Howard
1906-1-001-01 KENDALLHOWARD-1906-1-001-01 Datasheet
1Mb / 2P
   HEAVY DUTY COMPONENT SHELVES
3000-1-003-02 KENDALLHOWARD-3000-1-003-02 Datasheet
927Kb / 2P
   LIGHT DUTY COMPONENT SHELVES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com